Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2150D Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

No. de pieza SL2150D
Descripción Electrónicos  Cable Tuner Front End LNA with AGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2150D Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SL2150D Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2150D Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SL2150D
Data Sheet
8
Zarlink Semiconductor Inc.
Figure 10 - Test Condition for Output to Input Crosstalk
Figure 11 - Example Application Driving 75
Ω Load
Driven
output
stage
Directional
coupler
50
A
B
Network
Analyzer
Monitored
input
stage
Port 2
Port 1
C
D
Directional coupler
phase relationship
C0
0
D180
0
AB
SL2150D
Vcc
MABAES0029
1:1
100nF
100pF
1nF
FTYPE
To 75
Ω load


Número de pieza similar - SL2150D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
SL2150KG ZARLINK-SL2150KG Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
SL2150LH2S ZARLINK-SL2150LH2S Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
More results

Descripción similar - SL2150D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
United Monolithic Semic...
CHA3024-99F UMS-CHA3024-99F_15 Datasheet
347Kb / 12P
   2-22GHz LNA with AGC
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
ALM-3012 AVAGO-ALM-3012 Datasheet
1Mb / 21P
   GNSS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com