Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSC51C1XXX-A-16CBR Datasheet(PDF) 1 Page - TEMIC Semiconductors |
|
TSC51C1XXX-A-16CBR Datasheet(HTML) 1 Page - TEMIC Semiconductors |
1 / 31 page TSC8051C1 Rev. D (14 Jan. 97) 1 MATRA MHS 1. Introduction The TSC8051C1 is a stand–alone high performance CMOS 8–bit embedded microcontroller and is designed for use in CRT monitors. It is also suitable for automotive and industrial applications. The TSC8051C1 includes the fully static 8–bit “80C51” CPU core with 256 bytes of RAM; 8 Kbytes of ROM; two 16–bit timers; 12 PWM Channels; a 6 sources and 2–level interrupt controller; a full duplex serial port; a full I2C ™* interface; a watchdog timer and on–chip oscillator. In addition, the TSC8051C1 has 2 software selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the RAM, the timers, the serial ports, and the interrupt system continue to function. In the power down mode the RAM is saved and all other functions are inoperative. The TSC8051C1 enables the users reducing a lot of external discrete components while bringing the maximum of flexibility. 2. Features D Boolean processor D Fully static design D 8K bytes of ROM D 256 bytes of RAM D 2 x 16–bit timer/counter D Programmable serial port D Programmable Multimaster I2C controller D 6 interrupt sources: G External interrupts (2) G Timers interrupt (2) G Serial port interrupt G I2C interrupt D Watchdog reset D On chip oscillator for crystal or ceramic resonator D 2 power saving control modes: G Idle mode G Power–down mode D Controlled HSYNC & VSYNC outputs D Up to 12 programmable PWM channels with 8–bit resolution D Up to 32 programmable I/O lines depending on the package D 40 pins DIP, 44 pins PQFP, 44 and 52 pins PLCC packages D Commercial and industrial temperature ranges D Operating Frequency: 12 MHz to 16 MHz 8-Bit Microcontroller for Digital Computer Monitors * I2C is a trademark of PHILIPS Corporation |
Número de pieza similar - TSC51C1XXX-A-16CBR |
|
Descripción similar - TSC51C1XXX-A-16CBR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |