Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N23D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 1N23D
Descripción Electrónicos  S - X Band Point Contact Mixer Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

1N23D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N23D Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N23D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Point Contact Diodes: 1N Series
71
Noise Figure
VSWR
IF Impedance
Conversion Loss
3.060 GHz
3.060 GHz
3.060 GHz
3.060GHz
LO = 1.0 mW
LO = 1.0 mW
LO = 1.0 mW
LO = 1.0 mW
RI = 100 Ohms
RI = 100 Ohms
RI = 100 Ohms
RI = 100 Ohms
MAX
MAX
MIN/MAX
MAX
Case
Part
(dB)
(Ratio)
(Ohms)
(dB)
Style
Number
8.5
-
325 - 465
-
CS100
1N21C
7.5
-
325 - 465
-
CS100
1N21D
7.0
1.5
350 - 450
-
CS100
1N21E
7.0
1.5
350 - 450
-
CS101
1N21WE
6.0
1.3
350 - 450
-
CS100
1N21F
5.5
1.3
350 - 450
5.0
CS100
1N21G
5.5
1.3
350 - 450
5.0
CS101
1N21WG
8.5
1.5
335 - 465
-
CS101
1N416C
7.5
1.3
335 - 465
-
CS101
1N416D
7.0
1.3
335 - 465
7.0
CS101
1N416E
6.5
1.3
335 - 465
6.5
CS101
1N416F
6.0
1.3
335 - 465
6.0
CS101
1N416G
Noise Figure
VSWR
IF Impedance
Conversion Loss
9.375 GHz
9.375 GHz
9.375 GHz
9.375 GHz
LO = 1.0 mW
LO = 1.0 mW
LO = 1.0 mW
LO = 1.0 mW
RI = 100 Ohms
RI = 100 Ohms
RI = 100 Ohms
RI = 100 Ohms
MAX
MAX
MIN/MAX
MAX
Case
Part
(dB)
(Ratio)
(Ohms)
(dB)
Style
Number
12.0
-
200 - 600
-
CS100
1N23
11.0
-
200 - 600
-
CS100
1N23A
10.0
1.5
335 - 465
-
CS100
1N23B
9.0
1.5
335 - 465
-
CS100
1N23C
8.5
1.3
335 - 465
-
CS100
1N23D
7.5
1.3
335 - 465
7.0
CS100
1N23E
7.5
1.3
335 - 465
7.0
CS101
1N23WE
7.0
1.3
335 - 465
6.5
CS100
1N23F
6.5
1.3
335 - 465
6.0
CS100
1N23G
6.5
1.3
335 - 465
6.0
CS101
1N23WG
6.0
1.3
335 - 465
5.5
CS100
1N23H
9.0
1.5
335 - 465
-
CS101
1N415C
8.5
1.3
335 - 465
-
CS101
1N415D
7.5
1.3
335 - 465
7.0
CS101
1N415E
7.0
1.3
335 - 465
6.5
CS101
1N415F
6.5
1.3
335 - 465
6.0
CS101
1N415G
6.0
1.3
335 - 465
5.5
CS101
1N415H
Electrical Characteristics
Notes:
For matched Fwd pair use suffix M after P/N.
For reverse device use suffix R.
For matched Fwd and Rev use suffix MR.
MicroMetrics, Inc. 136 Harvey Road, Building C, Londonderry, NH 03053
Voice: 603-641-3800, Fax: 603-641-3500, Internet: www.micrometrics.com, E-mail: serv@micrometrics.com
Maximum Ratings
Operating Temperature
-55
°Cto+150°C
Storage Temperature
-65
°Cto+200°C


Número de pieza similar - 1N23D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1N23D ETC1-1N23D Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
logo
New Jersey Semi-Conduct...
1N23D NJSEMI-1N23D Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
1N23D NJSEMI-1N23D Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
logo
List of Unclassifed Man...
1N23DR ETC1-1N23DR Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
More results

Descripción similar - 1N23D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N416C NJSEMI-1N416C Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
1N21 NJSEMI-1N21 Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
1N415C NJSEMI-1N415C Datasheet
80Kb / 2P
   S - X Band Point Contact Mixer Diodes
logo
List of Unclassifed Man...
1N25AR ETC1-1N25AR Datasheet
350Kb / 8P
   SILICON POINT CONTACT MIXER DIODES
logo
New Jersey Semi-Conduct...
1N830 NJSEMI-1N830 Datasheet
79Kb / 2P
   Ka Band Point Contact Detector Diodes
logo
American Microsemicondu...
1N23SC AMMSEMI-1N23SC Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SG AMMSEMI-1N23SG Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SD AMMSEMI-1N23SD Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SE AMMSEMI-1N23SE Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SF AMMSEMI-1N23SF Datasheet
526Kb / 1P
   Point Contact Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com