Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC650JL Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC650JL
Descripción Electrónicos  12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC650JL Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC650JL Datasheet HTML 3Page - Burr-Brown (TI) DAC650JL Datasheet HTML 4Page - Burr-Brown (TI) DAC650JL Datasheet HTML 5Page - Burr-Brown (TI) DAC650JL Datasheet HTML 6Page - Burr-Brown (TI) DAC650JL Datasheet HTML 7Page - Burr-Brown (TI) DAC650JL Datasheet HTML 8Page - Burr-Brown (TI) DAC650JL Datasheet HTML 9Page - Burr-Brown (TI) DAC650JL Datasheet HTML 10Page - Burr-Brown (TI) DAC650JL Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
®
DAC650
8
FIGURE 1. Functional Block Diagram of the DAC650.
5V Ref
Current
Sources
Current
Switches
100
100
100
100
+2V
(Ladder
Equivalent
Resistance)
V
OUT
V
OUT
ECL Logic
Threshold
Tracking
ECL Logic
Threshold
MSB
2
3
4
5
6
7
8
9
10
11
LSB
V
BBOUT
(–1.3V)
V
BBEXT
(Mid-point
Out)
2k
8k
4.95k
3k
3k
3k
V
BB
+1V
+1V
Clock Buffer
ECL High In
ECL Low In
CLK
CLK
Ref
ADJUST
Ref
OUT
Ref
IN
Offset Adjust
FIGURE 2. Using a Potentiometer for
±1% Gain Adjust.
DAC650
100
Ref
IN
61
Ref
OUT
60
FIGURE 3. Series Bit Termination.
–5.2V
ECL Drive Gates
Recommended
Pull Down Resistor
DAC650
Bit
Input
47


Número de pieza similar - DAC650JL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC6551-Q1 TI1-DAC6551-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC6551AQDGKRQ1 TI1-DAC6551AQDGKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI1-DAC6571 Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC650JL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com