Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX245 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 74LVX245
Descripción Electrónicos  Octal Bus Transceiver With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX245 Datasheet(HTML) 2 Page - ON Semiconductor

  74LVX245 Datasheet HTML 1Page - ON Semiconductor 74LVX245 Datasheet HTML 2Page - ON Semiconductor 74LVX245 Datasheet HTML 3Page - ON Semiconductor 74LVX245 Datasheet HTML 4Page - ON Semiconductor 74LVX245 Datasheet HTML 5Page - ON Semiconductor 74LVX245 Datasheet HTML 6Page - ON Semiconductor 74LVX245 Datasheet HTML 7Page - ON Semiconductor 74LVX245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LVX245
http://onsemi.com
2
B0
OE 19
T/R 1
A0
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
Figure 2. Logic Diagram
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
Table 1. PIN NAMES
Pins
Function
OE
T/R
A0−A7
Bo−B7
Output Enable Input
Transmit/Receive Input
Side A 3−State Inputs or 3−State Outputs
Side B 3−State Inputs or 3−State Outputs
INPUTS
OPERATING MODE
OE
T/R
OPERATING MODE
Non−Inverting
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Z
H = High Voltage Level; L = Low Voltage Level; Z = High
Impedance State; X = High or Low Voltage Level and Transitions
are Acceptable; For ICC reasons, Do Not Float Inputs
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX245DWR2
SOIC−20
1000 / Tape & Reel
MC74LVX245DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74LVX245DTR2
TSSOP−20*
2500 / Tape & Reel
MC74LVX245M
SOEIAJ−20
(Pb−Free)
50 Units / Rail
MC74LVX245MEL
SOEIAJ−20
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Número de pieza similar - 74LVX245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
STMicroelectronics
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVX245M FAIRCHILD-74LVX245M Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

Descripción similar - 74LVX245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVX244 ONSEMI-MC74LVX244 Datasheet
94Kb / 8P
   Octal Bus Buffer With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX04 ONSEMI-MC74LVX04_05 Datasheet
82Kb / 5P
   Hex Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 5
MC74LCX245 ONSEMI-MC74LCX245_05 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 6
logo
Toshiba Semiconductor
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14_05 Datasheet
86Kb / 6P
   Hex Schmitt Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 4
MC74LVX573 ONSEMI-MC74LVX573 Datasheet
102Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
Toshiba Semiconductor
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com