Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZB33DR Datasheet(PDF) 2 Page - Littelfuse

No. de pieza DZB33DR
Descripción Electrónicos  Diazed/Neozed Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DZB33DR Datasheet(HTML) 2 Page - Littelfuse

  DZB33DR Datasheet HTML 1Page - Littelfuse DZB33DR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
161
Diazed/Neozed Fuses
Fuse bases, carriers, and gauge rings are available for
Diazed (DZ) and Neozed (D0Z) type fuses. Fuse holders are
comprised of a fuse base and carrier. Optional gauge rings
act as a rejection feature and are used to prevent over-sizing
of fuses. All bases and carriers are single pole units. Contact
factory for additional information.
FUSE BASES
Part No.
DZB27S
DZB27DR
DZB33S
DZB33DR
D0ZB14S
D0ZB14DR
D0ZB18S
D0ZB18DR
Fuse
Type
DZ
DZ
DZ
DZ
D0Z
D0Z
D0Z
D0Z
Base Size
(mm)
27
27
33
33
14
14
18
18
Mounting
Type
Screw
Din Rail
Screw
Din Rail
Screw
Din Rail
Screw
Din Rail
FUSE CARRIERS
Part No.
DZC27
DZC33
D0ZC14
D0ZC18
Fuse
Type
DZ
DZ
D0Z
D0Z
Base Size
(mm)
27
33
14
18
GAUGE RINGS
Amp Rating.
2
4
6
10
16
20
25
35
50
63
Color
Pink
Brown
Green
Red
Grey
Blue
Yellow
Black
White
Copper
DZ
DZ27PK
DZ27BR
DZ27GN
DZ27RD
DZ27GY
DZ27BE
DZ27YW
DZ
DZ33BK
DZ33WE
DZ33CR
D0Z
D0Z14PK
D0Z14BR
D0Z14GN
D0Z14RD
D0Z
D0Z18PK
D0Z18BR
D0Z18GN
D0Z18RD
D0Z18GY
D0Z18BE
D0Z18YW
D0Z18BK
D0Z18WE
Contact factory for dimensional information.


Número de pieza similar - DZB33DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
DZB30C SANYO-DZB30C Datasheet
40Kb / 2P
   1.0W Zener Diodes
More results

Descripción similar - DZB33DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com