Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3100D2RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3100D2RGZR
Descripción Electrónicos  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3100D2RGZR Datasheet HTML 6Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 7Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 8Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 9Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 10Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 11Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 12Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 13Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
Phase
Gain
10
100
1k
100k
10k
200
150
100
50
0
−50
−100
−150
−200
V
= 12 V
R = 8
CC
L
W
Gain = 32 dB
V = 0.1 V
RC Filter = 100
, 0.47 nF
I
rms
W
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
Phase
Gain
10
100
1k
100k
10k
200
150
100
50
0
−50
−100
−150
−200
V
= 24 V
R = 8
CC
L
W
Gain = 32 dB
V = 0.1 V
RC Filter = 100
, 0.47 nF
I
rms
W
V
- Supply Voltage - V
CC
0
5
10
15
20
25
40
30
45
35
50
10
12
14
16
18
20
22
24
26
28
R = 8
Gain = 20 dB
L
W
THD+N = 10%
THD+N = 1%
Power Represented by
Dash Lines May Require
More Heatsinking.
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
10
11
12
13
14
15
16
THD+N = 10%
THD+N = 1%
R = 4
Gain = 20 dB
L
W
Power Represented by
Dash Lines May Require
More Heatsinking.
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
10


Número de pieza similar - TPA3100D2RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3100D2RGZR TI-TPA3100D2RGZR Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR TI1-TPA3100D2RGZR Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR-P TI-TPA3100D2RGZR-P Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI-TPA3100D2RGZRG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI1-TPA3100D2RGZRG4 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3100D2RGZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com