Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPA3100D2RGZR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPA3100D2RGZR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 31 page www.ti.com ABSOLUTE MAXIMUM RATINGS TYPICAL DISSIPATION RATINGS RECOMMENDED OPERATING CONDITIONS TPA3100D2 SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. over operating free-air temperature range (unless otherwise noted)(1) UNIT VCC Supply voltage AVCC, PVCC –0.3 V to 30 V SHUTDOWN, MUTE –0.3 V to VCC + 0.3 V VI Input voltage GAIN0, GAIN1, RINN, RINP, LINN, LINP, MSTR/SLV, –0.3 V to VREG + 0.5 V SYNC Continuous total power dissipation See Dissipation Rating Table TA Operating free-air temperature range –40 °C to 85°C TJ Operating junction temperature range(2) –40 °C to 150°C Tstg Storage temperature range –65 °C to 150°C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C RLoad Load Resistance 3.2 Ω Minimum Human body model (3) (all pins) ±2 kV Electrostatic discharge Machine model (4) (all pins) ±200 V Charged-device model (5) (all pins) ±500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The TPA3100D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection shutdown. See TI Technical Briefs SCBA017D and SLUA271 for more information about using the QFN thermal pad. See TI Technical Briefs SLMA002 for more information about using the TQFP thermal pad. (3) In accordance with JEDEC Standard 22, Test Method A114-B. (4) In accordance with JEDEC Standard 22, Test Method A115-A (5) In accordance with JEDEC Standard 22, Test Method C101-A PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C 48-pin QFN 4.7 W 37.7 mW/ °C(1) 3.02 W 2.45 W 48-pin TQFP 4.65 W 37.2 mW/ °C(2) 2.98 W 2.42 W (1) This data was taken using 1 oz trace and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad must be soldered to a thermal land on the printed-circuit board. See TI Technical Briefs SCBA017D and SLUA271 for more information about using the QFN thermal pad. (2) This data was taken using 1 oz trace and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad must be soldered to a thermal land on the printed-circuit board. See TI Technical Briefs SLMA002 for more information about using the TQFP thermal pad. over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN MAX UNIT VCC Supply voltage PVCC, AVCC 10 26 V SHUTDOWN, MUTE, GAIN0, GAIN1, MSTR/SLV, VIH High-level input voltage 2 V SYNC SHUTDOWN, MUTE, GAIN0, GAIN1, MSTR/SLV, VIL Low-level input voltage 0.8 V SYNC SHUTDOWN, VI = VCC, VCC = 24 V 125 MUTE, VI = VCC, VCC = 24 V 75 IIH High-level input current µA GAIN0, GAIN1, MSTR/SLV, SYNC, VI = VREG, 2 VCC = 24 V 2 |
Número de pieza similar - TPA3100D2RGZR |
|
Descripción similar - TPA3100D2RGZR |