Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCH132-2 Datasheet(PDF) 7 Page - Littelfuse

No. de pieza LCH132-2
Descripción Electrónicos  POWR-BLOKS Distribution/Splicer Blocks and Covers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCH132-2 Datasheet(HTML) 7 Page - Littelfuse

  LCH132-2 Datasheet HTML 1Page - Littelfuse LCH132-2 Datasheet HTML 2Page - Littelfuse LCH132-2 Datasheet HTML 3Page - Littelfuse LCH132-2 Datasheet HTML 4Page - Littelfuse LCH132-2 Datasheet HTML 5Page - Littelfuse LCH132-2 Datasheet HTML 6Page - Littelfuse LCH132-2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
140
POWR-BLOKS
Distribution/Splicer Blocks and Covers
.31"
[7.9]
.31"
[7.9]
.31"
[7.9]
2.28"
[57.9]
1.14"
[29.0
]
4.75"
[121]
4.13"
[105]
1.14"
[29.0]
1.88"
[47.8]
4.16"
[106]
4.13"
[105]
4.75"
[121]
2.92
(74.0)
1.88"
[47.8]
6.04"
[153]
1.88"
[47.8]
1.14"
[29.0]
4.13"
[105]
4.75"
[121]
1 POLE
2 POLE
3 POLE
3.12"
[79.2]
.37"
(9.5)
.37"
[9.5]
.37"
[9.5]
5.50"
[140]
4.75"
[121]
1.58"
[40.2]
3.17"
[80.4]
4.75"
[121]
5.50"
[140]
1.58"
[40.2]
2.69"
[68.2]
5.88"
[149]
4.75"
[121]
5.50"
[140]
2.30"
[58.5]
8.54"
[217]
2.69"
[68.2]
1.58"
[40.2]
1 POLE
2 POLE
3 POLE
LX4XXX
LX5XXX
Figure 7
Figure 6


Número de pieza similar - LCH132-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
logo
LUXPIA
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results

Descripción similar - LCH132-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Cooper Bussmann, Inc.
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
   Splicer blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Littelfuse
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
   GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
BB18 LITTELFUSE-BB18 Datasheet
236Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
1PH3P18MM LITTELFUSE-1PH3P18MM Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
   POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
   Global Distribution Blocks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com