Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5272B-4 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

No. de pieza SM5272B-4
Descripción Electrónicos  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272B-4 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM5272B-4 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5272B-4 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
Valid Transmission
After Power On SM5272B enters the Search Address mode, if SM5272B finds 2 consecutive
Address that matches the Address Pin setting of SM5272B then it will set VT high.
If VT is set high, SM5272B is still in search Address. After 2 consecutive Address that do not
match the setting on SM5272B, SM5272B will disable VT.
The timing are shown in the following diagram.
Latch or Momentary Data Output Type
After Power On SM5272B is set in Address search mode, if SM5272B finds 2 consecutive
Address that matches the Address setting of SM5272B. SM5272B will enter Data Compare
mode. It will compare perviously 2 receive data, if they match each then SM5272B will set VT
high and send data O/P.
SM5272B re-enters Address search mode, after 2 consecutive Address that do not match the
setting on SM5272B will disable VT and momentary's data but keep Latch's data intact.
1st Address
S
2nd Address
S
VT
DIN
OCT. 26, 2001
DIN
DATA WORDS
DATA WORDS
TT
DATA OUTPUT X
DATA OUTPUT Y
DATA PINS
(Momentary)
DATA OUTPUT X
DATA OUTPUT Y
DATA PINS
(Latch)
VT
T= 2 CODE WORD WIDTH
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Número de pieza similar - SM5272B-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Descripción similar - SM5272B-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com