Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHCT244A Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC74VHCT244A
Descripción Electrónicos  Octal Bus Buffer/Line Driver with 3-State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT244A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT244A Datasheet HTML 1Page - ON Semiconductor MC74VHCT244A Datasheet HTML 2Page - ON Semiconductor MC74VHCT244A Datasheet HTML 3Page - ON Semiconductor MC74VHCT244A Datasheet HTML 4Page - ON Semiconductor MC74VHCT244A Datasheet HTML 5Page - ON Semiconductor MC74VHCT244A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHCT244A
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Unit
TA = – 40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
ICCT
Quiescent Supply
Current
Per Input: VIN = 3.4V
Other Input: VCC or GND
5.5
1.35
1.50
mA
IOPD
Output Leakage
Current
VOUT = 5.5V
0
0.5
5.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay
A to YA or B to YB
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.4
5.9
7.4
8.4
1.0
1.0
8.5
9.5
ns
tPZL,
tPZH
Output Enable Time
OEA to YA or OEB to YB
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kΩ
CL = 50pF
7.7
8.2
10.4
11.4
1.0
1.0
12.0
13.0
ns
tPLZ,
tPHZ
Output Disable Time
OEA to YA or OEB to YB
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kΩ
8.8
11.4
1.0
13.0
ns
tOSLH,
tOSHL
Output to Output Skew
VCC = 5.0 ± 0.5V
CL = 50pF
(Note NO TAG)
1.0
1.0
pF
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum Three–State Output
Capacitance (Output in
High–Impedance State)
9
pF
C
P
Di
i
i
C
i
(N
NO TAG)
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Note NO TAG)
18
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 8 (per bit). CPD is used to determine the no–load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Sb l
P
TA = 25°C
Ui
Symbol
Parameter
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.9
1.1
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.9
– 1.1
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Número de pieza similar - MC74VHCT244A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT244A ONSEMI-MC74VHCT244A Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
MC74VHCT244ADTG ONSEMI-MC74VHCT244ADTG Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244ADTG ONSEMI-MC74VHCT244ADTG Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
MC74VHCT244ADTRG ONSEMI-MC74VHCT244ADTRG Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244ADTRG ONSEMI-MC74VHCT244ADTRG Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
More results

Descripción similar - MC74VHCT244A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT244A ONSEMI-MC74VHCT244A_11 Datasheet
146Kb / 8P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2011 ??Rev. 7
MC74VHCT244A ONSEMI-MC74VHCT244A_14 Datasheet
101Kb / 7P
   Octal Bus Buffer/Line Driver with 3-State Outputs
May, 2014 ??Rev. 9
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com