Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RYU5100JHHA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza RYU5100JHHA
Descripción Electrónicos  CLASS I TEMPERATURE COMPENSATION TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

RYU5100JHHA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RYU5100JHHA Datasheet HTML 1Page - List of Unclassifed Manufacturers RYU5100JHHA Datasheet HTML 2Page - List of Unclassifed Manufacturers RYU5100JHHA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
To Order, please specify Pan Overseas Part No. as the following example:
Temperature Characteristics Code:
CH (NPO)
SL
B (Y5P)
E (Z5U)
F (Z5V)
X (X7R)
RY (Y5R)
FY (Y5V)
T.C.(PPM/℃) or
Cap. Change %
0
± 60PPM
+ 350
- 12000PPM
± 10%
+ 22%
-56%
+ 22%
- 82%
± 15%
± 15%
+ 22%
- 82%
Rated Voltage:
B
T
U
A
C
M
M2
M3
Voltage
16V
25V
50V
100V
500V
1000V
2000V
3000V
Part Diameter(mm):
Code
Diameter
Code
Diameter
Code
Diameter
Code
Diameter
5
5mm
8
8mm
A
11mm
D
14mm
6
6mm
9
9mm
B
12mm
E
15mm
7
7mm
0
10mm
C
13mm
F
16mm
Capacitance Code:
Code
Capacitance (pF)
Code
Capacitance (pF)
010
1
102
1000
1R5
1.5
222
2200
100
10
472
4700
101
100
103
10000
Lead Configuration Code-Bulk & Taping Package
Configuration and Dimension
Bulk
Lead Code
Taping
Lead Code
Kinked / Straight
Lead Space (F)
Lead Length (L)
Remarks
2
Straight
5.0mm
5
±1mm
5
Straight
2.5mm
25 mm Min.
6
G or L
Straight
5.0mm
25mm Min.
G = Ammo, L = Reel
7
Straight
6.4mm
25mm Min.
8
Inside Kinked
5.0mm
5
±1mm
9
H or R
Inside Kinked
5.0mm
25 mm Min.
H = Ammo, R = Reel
A
Straight
10.0mm
5
±1mm
B
Inside Kinked
10.0mm
5
±1mm
C
Straight
10.0mm
25 mm Min.
High temperature soldering type.
Epoxy coating material is used on 2KV & 3KV parts only.
Tolerance Code:
Code
Tolerance
Code
Tolerance
C
± 0.25pF
K
± 10%
D
± 0.50pF
M
± 20%
J
± 5%
Z
+ 80-20%
CERAMIC ▪ DISC ▪ CAPACITOR
Pan Overseas
HOW TO ORDER – PART NUMBER EXPLANATION
CH
U
5
100
J
H
H
A
13


Número de pieza similar - RYU5100JHHA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RYU002N05T306 VBSEMI-RYU002N05T306 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - RYU5100JHHA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
logo
STMicroelectronics
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
   Embedded temperature compensation
April 2016 Rev 5
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com