Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHCT574A Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74VHCT574A
Descripción Electrónicos  Octal D-Type Flip-Flop with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT574A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHCT574A Datasheet HTML 1Page - ON Semiconductor MC74VHCT574A Datasheet HTML 2Page - ON Semiconductor MC74VHCT574A Datasheet HTML 3Page - ON Semiconductor MC74VHCT574A Datasheet HTML 4Page - ON Semiconductor MC74VHCT574A Datasheet HTML 5Page - ON Semiconductor MC74VHCT574A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
6/97
Octal D-Type Flip-Flop
with 3-State Output
The MC74VHCT574A is an advanced high speed CMOS octal flip–flop
with 3–state output fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
This 8–bit D–type flip–flop is controlled by a clock input and an output
enable input. When the output enable input is high, the eight outputs are in a
high impedance state.
The VHCT inputs are compatible with TTL levels. This device can be used
as a level converter for interfacing 3.3V to 5.0V, because it has full 5V CMOS
level output swings.
The VHCT574A input and output (when disabled) structures provide
protection when voltages between 0V and 5.5V are applied, regardless of
the supply voltage. These input and output structures help prevent device
destruction caused by supply voltage – input/output voltage mismatch,
battery backup, hot insertion, etc.
• High Speed: fmax = 140MHz (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 4.5V to 5.5V Operating Range
• Low Noise: VOLP = 1.6V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 286 FETs or 71.5 Equivalent Gates
LOGIC DIAGRAM
DATA
INPUTS
D0
D1
D2
D3
D4
D5
D6
D7
9
8
7
6
5
4
3
2
1
OE
12
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
13
14
15
16
17
18
19
NONINVERTING
OUTPUTS
11
CP
OE
CP
Q
L
L
L
H
L, H,
X
H
L
No Change
Z
INPUTS
OUTPUT
FUNCTION TABLE
D
H
L
X
X
MC74VHCT574A
PIN ASSIGNMENT
D4
D2
D1
D0
OE
GND
D7
D6
D5
D3
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q3
Q2
Q1
Q0
VCC
CP
Q7
Q6
Q5
Q4
DW SUFFIX
20–LEAD SOIC PACKAGE
CASE 751D–04
ORDERING INFORMATION
MC74VHCTXXXADW
MC74VHCTXXXADT
MC74VHCTXXXAM
SOIC
TSSOP
SOIC EIAJ
DT SUFFIX
20–LEAD TSSOP PACKAGE
CASE 948E–02
M SUFFIX
20–LEAD SOIC EIAJ PACKAGE
CASE 967–01


Número de pieza similar - MC74VHCT574A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
MC74VHCT574ADT ONSEMI-MC74VHCT574ADT Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574ADTG ONSEMI-MC74VHCT574ADTG Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT574ADTG ONSEMI-MC74VHCT574ADTG Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
More results

Descripción similar - MC74VHCT574A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com