Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHCT74A Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC74VHCT74A
Descripción Electrónicos  Dual D-Type Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT74A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT74A Datasheet HTML 1Page - ON Semiconductor MC74VHCT74A Datasheet HTML 2Page - ON Semiconductor MC74VHCT74A Datasheet HTML 3Page - ON Semiconductor MC74VHCT74A Datasheet HTML 4Page - ON Semiconductor MC74VHCT74A Datasheet HTML 5Page - ON Semiconductor MC74VHCT74A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT74A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
4
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
1.5V
1.5V VCC
1.5V VCC
1.5V
3V
3V
GND
GND
SD or RD
Q or Q
Q or Q
CP
tPLH
tPHL
1.5V
D
CP
3V
3V
GND
Figure 3.
VALID
GND
tsu
th
trec
tw
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4.
1/fmax
CP
Q or Q
3V
GND
1.5V
1.5V
tPLH
tPHL
tw
1.5V
Figure 5. Input Equivalent Circuit
INPUT
VOH
VOL
3V
GND


Número de pieza similar - MC74VHCT74A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT74A ONSEMI-MC74VHCT74A Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74AD ONSEMI-MC74VHCT74AD Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74AD ONSEMI-MC74VHCT74AD Datasheet
156Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
MC74VHCT74ADR2 ONSEMI-MC74VHCT74ADR2 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74ADR2 ONSEMI-MC74VHCT74ADR2 Datasheet
156Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
More results

Descripción similar - MC74VHCT74A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74VHC74 MOTOROLA-MC74VHC74 Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74VHCT74A ONSEMI-MC74VHCT74A_09 Datasheet
156Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
logo
NXP Semiconductors
74ALS74A PHILIPS-74ALS74A Datasheet
50Kb / 10P
   Dual D-type flip-flop with set and reset
1996 Jul 01
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com