Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC8114 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TPC8114
Descripción Electrónicos  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8114 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC8114 Datasheet HTML 1Page - Toshiba Semiconductor TPC8114 Datasheet HTML 2Page - Toshiba Semiconductor TPC8114 Datasheet HTML 3Page - Toshiba Semiconductor TPC8114 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPC8114
2003-07-14
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −9 A
5.2
6.8
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −9 A
3.1
4.5
m
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −9 A
23.5
47
S
Input capacitance
Ciss
7480
Reverse transfer capacitance
Crss
1320
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
1460
pF
Rise time
tr
25
Turn-ON time
ton
36
Fall time
tf
235
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
625
ns
Total gate charge
(gate-source plus gate-drain)
Qg
180
Gate-source charge 1
Qgs1
10
Gate-drain (“miller”) charge
Qgd
VDD ∼− −24 V, VGS = 10 V,
ID = −18 A
60
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse
(Note 1)
IDRP
−72
A
Forward voltage (diode)
VDSF
IDR = −18 A, VGS = 0 V
1.2
V
VDD ∼− −15 V
0 V
VGS
−10 V
ID = −9 A
VOUT


Número de pieza similar - TPC8114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8114 TOSHIBA-TPC8114 Datasheet
285Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8114 TOSHIBA-TPC8114_06 Datasheet
285Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Descripción similar - TPC8114

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com