Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78PC28NTR Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza MC78PC28NTR
Descripción Electrónicos  Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC28NTR Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC78PC28NTR Datasheet HTML 7Page - ON Semiconductor MC78PC28NTR Datasheet HTML 8Page - ON Semiconductor MC78PC28NTR Datasheet HTML 9Page - ON Semiconductor MC78PC28NTR Datasheet HTML 10Page - ON Semiconductor MC78PC28NTR Datasheet HTML 11Page - ON Semiconductor MC78PC28NTR Datasheet HTML 12Page - ON Semiconductor MC78PC28NTR Datasheet HTML 13Page - ON Semiconductor MC78PC28NTR Datasheet HTML 14Page - ON Semiconductor MC78PC28NTR Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC78PC00 Series
http://onsemi.com
11
3.4
0
t, TIME (
ms)
tr = tf = 5.0 ms
COUT = 4.7 mF (TANTALUM)
IOUT = 30 mA
Figure 40. MC78PC30 Line Transient Response
Figure 41. MC78PC30 Line Transient Response
3.3
3.2
3.1
3.0
2.9
2.8
20
40
60
80
100
120
6.0
5.0
4.0
3.0
2.0
1.0
0
OUTPUT VOLTAGE
INPUT VOLTAGE
3.4
0
t, TIME (
ms)
tr = tf = 5.0 ms
COUT = 6.8 mF (TANTALUM)
IOUT = 30 mA
3.3
3.2
3.1
3.0
2.9
2.8
20
40
60
80
100
120
6.0
5.0
4.0
3.0
2.0
1.0
0
OUTPUT VOLTAGE
INPUT VOLTAGE
Figure 42. MC78PC30 Line Transient Response
Figure 43. MC78PC30 Load Transient Response
Figure 44. MC78PC30 Load Transient Response
Figure 45. MC78PC30 Load Transient Response
3.4
0
t, TIME (
ms)
tr = tf = 5.0 ms
COUT = 10 mF (TANTALUM)
IOUT = 30 mA
3.3
3.2
3.1
3.0
2.9
2.8
20
40
60
80
100
120
6.0
5.0
4.0
3.0
2.0
1.0
0
OUTPUT VOLTAGE
INPUT VOLTAGE
3.4
0
t, TIME (
ms)
CIN = 1.0 mf (TANTALUM)
COUT = 4.7 mF (TANTALUM)
VIN = 4.0 V
3.3
3.2
3.1
3.0
2.9
2.8
2.0
4.0
6.0
8.0
10
12
150
100
50
0
–50
–100
–150
OUTPUT VOLTAGE
OUTPUT CURRENT
14
16
18
20
3.4
0
t, TIME (
ms)
CIN = 1.0 mf (TANTALUM)
COUT = 10 mF (TANTALUM)
VIN = 4.0 V
3.3
3.2
3.1
3.0
2.9
2.8
2.0
4.0
6.0
8.0
10
12
150
100
50
0
–50
–100
–150
OUTPUT VOLTAGE
OUTPUT CURRENT
14
16
18
20
3.4
0
t, TIME (
ms)
CIN = 1.0 mf (TANTALUM)
COUT = 6.8 mF (TANTALUM)
VIN = 4.0 V
3.3
3.2
3.1
3.0
2.9
2.8
2.0
4.0
6.0
8.0
10
12
150
100
50
0
–50
–100
–150
OUTPUT VOLTAGE
OUTPUT CURRENT
14
16
18
20


Número de pieza similar - MC78PC28NTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78PC28NTR ONSEMI-MC78PC28NTR Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC28NTRG ONSEMI-MC78PC28NTRG Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
More results

Descripción similar - MC78PC28NTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com