Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CW26-QR000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-CW26-QR000
Descripción Electrónicos  T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CW26-QR000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-CW26-QR000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CW26-QR000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 7. Spatial Radiation Pattern for CW2x
Figure 8. Spatial Radiation Pattern for CW3x
Figure 6. Spatial Radiation Pattern for CW1x
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (˚)
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (˚)
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (˚)
Bin
Intensity (mcd) at 20 mA
Min
Max
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
Intensity Bin Limit Table
Tolerance for each bin limit is
± 15%


Número de pieza similar - HLMP-CW26-QR000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW23 AVAGO-HLMP-CW23 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW23-SV0XX AVAGO-HLMP-CW23-SV0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW23-SVKXX AVAGO-HLMP-CW23-SVKXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW23-TW0XX AVAGO-HLMP-CW23-TW0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW24 AVAGO-HLMP-CW24 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results

Descripción similar - HLMP-CW26-QR000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com