Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9324F Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC9324F
Descripción Electrónicos  Single-Chip DTS Microcontroller (DTS-20)
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9324F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9324F Datasheet HTML 2Page - Toshiba Semiconductor TC9324F Datasheet HTML 3Page - Toshiba Semiconductor TC9324F Datasheet HTML 4Page - Toshiba Semiconductor TC9324F Datasheet HTML 5Page - Toshiba Semiconductor TC9324F Datasheet HTML 6Page - Toshiba Semiconductor TC9324F Datasheet HTML 7Page - Toshiba Semiconductor TC9324F Datasheet HTML 8Page - Toshiba Semiconductor TC9324F Datasheet HTML 9Page - Toshiba Semiconductor TC9324F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
TC9324F
2002-02-08
6
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
61
62
63
64
P5-0/BUZR
P5-1
/SI3
P5-2
/SO3
/SO4
P5-3
/SCK3
/SCK4
I/O port 5
/buzzer output
/Serial data input 3
/Serial data
input/output 3
/Serial data
input/output 4
/Serial clock
input/output 3
/Serial clock
input/output 4
4-bit CMOS I/O ports.
Input and output can be programmed
in 1-bit unit.
Pin 5-0 is also used to output a buzzer
signal. Pins P5-1 to P5-3 are also
used to input/output the two serial
interface circuits (SIO3, SIO4).
The buzzer output can be selected
between eight frequency settings
(0.625 to 3 kHz), which can be output
in four modes: Continuous,
Single-Shot, 10 Hz-Intermittent, and
10-Hz Intermittent at 1-Hz Intervals.
SIO3 is a serial interface supporting
three lines, while the SIO4 serial
interface supports two lines.
On the clock edge of the SCK3/SCK4
pin, SIO3/SIO4 can input 4- or 8-bit
serial data to pin SI3 or output data to
the SO3/SO4 pin. As the serial
operating clock (SCK3/SCK4), an
internal (450/225/150/75 kHz) clock or
external clock can be selected. Rising
and falling shift can also be selected.
The clock data output is N-channel
open drain. This design facilitates LSI
control and communication between
controllers.
Enabling the SIO3 or SIO4 interrupts
triggers the interrupt and jumps the
program to address 3 when interface
SIO3 or SIO4 completes execution.
This is effective for high-speed serial
communications.
All of the input of SIO3 and SIO4
built-in the Schmitt circuits.
SIO3, SIO4, and their associated
controls can be used and set by
software.
65
MUTE
Muting output port
1-bit output port.
Normally used as a muting control
signal output. This pin can set the
internal MUTE bit to 1 according to
changes in the I/O port 8 input and
HOLD
input. The MUTE bit output
logic can be changed.
66
TEST
Test mode control
input
Input pin for controlling Test mode.
When the pins are at High level, the
device is in Test mode; at Low level,
in normal operation.
Normally, set the pins to Low level or
NC (pull-down resistors are
incorporated).
Input instruction
(P5-0)
VDD
Input instruction
+ SIOon
(P5-1~P5-3)
VDD
VDD
VDD
RIN2


Número de pieza similar - TC9324F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9320F TOSHIBA-TC9320F Datasheet
631Kb / 15P
   TOSHIBA CMOS DIGITAL INTERGRATED CIRCUIT SILICON MONOLITHIC
TC9320F-001 TOSHIBA-TC9320F-001 Datasheet
151Kb / 4P
   DDTS-1:DIGITAL TUNER SYSTEM
TC9321 TOSHIBA-TC9321 Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
   DIGITAL TUNING SYSTEM
More results

Descripción similar - TC9324F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com