Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS79L15 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
TS79L15 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 8 page TS79L00 series 4-8 2003/12 rev. D TS79L09 Electrical Characteristics (Vin= -15V, Iout=40mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 8.65 - 9 - 9.36 Output Voltage Vout -11.5V ≤Vin≤ -24V, 5mA ≤Iout≤100mA - 8.57 - 9 - 9.45 V Line Regulation REGline Tj=25 oC -11.5V ≤Vin≤ -24V, Io=40mA -- 90 180 5mA ≤Iout≤100mA -- 30 90 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤40mA -- 15 45 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6 -12V ≤Vin≤ -24V -- -- 1.5 Quiescent Current Change ∆lq 5mA ≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 60 -- uV Ripple Rejection Ratio RR f=120Hz, -14V ≤Vin≤ -24V 37 57 -- dB Voltage Drop Vdrop Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A TS79L12 Electrical Characteristics (Vin= -19V, Iout=40mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 11.53 - 12 - 12.48 Output Voltage Vout -14.5V ≤Vin≤ -27V, 5mA ≤Iout≤100mA - 11.42 - 12 - 12.60 V Line Regulation REGline Tj=25 oC -14.5V ≤Vin≤ -27V, Io=40mA -- 120 240 mV 5mA ≤Iout≤100mA -- 40 120 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤40mA -- 20 60 Quiescent Current Iq Tj=25 oC, Iout=0 -- 3 6.5 -16V ≤Vin≤ -27V -- -- 1.5 Quiescent Current Change ∆lq 5mA ≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 80 -- uV Ripple Rejection Ratio RR f=120Hz, -15V ≤Vin≤ -25V 37 42 -- dB Voltage Drop Vdrop Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |
Número de pieza similar - TS79L15 |
|
Descripción similar - TS79L15 |