Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2901 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2901
Descripción Electrónicos  Quad Voltage Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2901 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2901 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2901 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2901 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2901 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2901 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2901 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS2901
3-6
2005/04 rev. B
Electrical Characteristics (Continues)
Note 1. The maximum output current may be as high as 20mA, independent of the magnitude of VCC Output short
circuits to VCC can cause excessive heating and eventual destruction.
Note 2. This magnitude of input current will only occur if the leads are driven more negative than ground or the
negative supply voltage. This is due to the input PNP collector base junction become forward biased, acting as
an input clamp diode. There is also a lateral PNP parasitic transistor action which can cause the output voltage
of the comparators to go to the VCC voltage level (or ground if overdrive is large) during the time that an input is
driven negative. This will not destroy the device when limited to the max rating and normal output states will
recover when the inputs become
≥ground or negative supply.
Note 3. At the output switch point, VO=1.4Vdc, RS ≤100Ω, 5.0Vdc≤ VCC ≤30Vdc, with the inputs over the full
common-mode range (0Vdc to VCC -1.5Vdc).
Note 4. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant,
independent of the output state.
Note 5. The response time specified is for a 100mV input step with 5mV overdrive For larger signals, 300ns is typical.
Note 6. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain
within the common-mode range, the comparator will provide the proper output state.
Note 7. The comparator will inhibit proper output state if one of the inputs is become greater than VCC, the other input
must remain within the common mode range. The low input state must not be less than -0.3volts of ground of
minus supply.


Número de pieza similar - TS2901

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2902 TSC-TS2902 Datasheet
146Kb / 6P
   Quad Operating Amplifier
TS2902 TSC-TS2902 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
TS2902CD14 TSC-TS2902CD14 Datasheet
146Kb / 6P
   Quad Operating Amplifier
TS2902CD14C4 TSC-TS2902CD14C4 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
TS2902CS14 TSC-TS2902CS14 Datasheet
146Kb / 6P
   Quad Operating Amplifier
More results

Descripción similar - TS2901

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM139 PHILIPS-LM139 Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com