Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC5304DCH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSC5304DCH
Descripción Electrónicos  High Voltage NPN Transistor with Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5304DCH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC5304DCH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5304DCH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5304DCH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary
TS5304D Preliminary
2-2
2004/09 rev. A
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 1mA, IB = 0
BVCBO
750
--
--
V
Collector-Emitter Breakdown Voltage
IC = 5mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB = 500V, IE = 0
ICBO
--
--
10
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC / IB = 1.0A / 0.2A
IC / IB = 2.0A / 0.5A
IC / IB = 4.0A / 1.0A
VCE(SAT)1
VCE(SAT)2
VCE(SAT)3
--
--
--
--
--
--
0.35
0.55
1.25
V
Base-Emitter Saturation Voltage
IC / IB = 1.0A / 0.2A
IC / IB = 2.0A / 0.5A
VCB(SAT)1
VCB(SAT)2
--
--
--
--
1.0
1.1
V
DC Current Gain
VCE = 5V, IC = 0.5A
VCE = 5V, IC = 2A
hFE 1
hFE 2
15
10
20
--
--
--
Turn On Time
tON
--
--
0.5
uS
Storage Time
tSTG
--
--
3
uS
Fall Time
VCC = 250V, IC = 2A,
IB1 = IB2 = 0.4A, tp= 25uS
Duty cycle < 1%
tF
--
--
0.2
uS
Doide
Fall Time
IC = 2A
tF
--
--
500
nS
Forward Voltage
IC = 2A
Vf
--
--
1.3
V
Note : pulse test: pulse width <=300uS, duty cycle <=2%


Número de pieza similar - TSC5304DCH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSC5304DCHC5 TSC-TSC5304DCHC5 Datasheet
553Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304DCHC5 TSC-TSC5304DCHC5 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
More results

Descripción similar - TSC5304DCH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
5302D UTC-5302D Datasheet
146Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
logo
Taiwan Semiconductor Co...
TSC5301D TSC-TSC5301D_08 Datasheet
402Kb / 5P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED_12 Datasheet
271Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304D TSC-TSC5304D_10 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
TSC128D TSC-TSC128D_11 Datasheet
214Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_07 Datasheet
306Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_10 Datasheet
243Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_14 Datasheet
689Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5303D TSC-TSC5303D_14 Datasheet
1Mb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D Datasheet
106Kb / 5P
   High Voltage NPN Transistor with Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com