Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM115 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza DM115
Descripción Electrónicos  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

DM115 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM115 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DM114
DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.002
Page 7
Preliminary
Switching Characteristics (Ta = 25 °C unless otherwise noted)
DM114
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
40
80
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
16
20
ns
ENABLE-OUTn
70
140
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
16
20
ns
Output Current Rise Time
tor
250
400
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=210
VL=5.0V
RL=47
CL=15pF
30
50
ns
DM115
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
40
80
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
16
20
ns
ENABLE-OUTn
70
140
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
16
20
ns
Output Current Rise Time
tor
10
15
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=630
VL=5.0V
RL=150
CL=15pF
30
50
ns
Note: (Delay between outputs)
The DM114、DM115 also incorporated the delay unit between outputs. The delay time is 4 ns(typ.), out7 has no
delay, out5 has 4 ns delay, out 3 has 8 ns delay, and then out 1, out 0, out 2, out 4, out6. The delay is to prevent large
current impulse.


Número de pieza similar - DM115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
ITT Industries
DM115224-1010A ITT-DM115224-1010A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1020A ITT-DM115224-1020A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1040A ITT-DM115224-1040A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-2010A ITT-DM115224-2010A Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Descripción similar - DM115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM134B SITI-DM134B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com