Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV065MU90RE Datasheet(PDF) 11 Page - Advanced Micro Devices |
|
AM29LV065MU90RE Datasheet(HTML) 11 Page - Advanced Micro Devices |
11 / 11 page Am29LV065M 11 ADV ANCE I N FO RMAT I O N REVISION SUMMARY Revision A (August 3, 2001) Initial release as abbreviated Advance Information data sheet. Revision A+1 (October 3, 2001) Global Added 120 ns device, changed 100 ns, V IO = 1.65–2.7 V device to 110 ns, changed 90 ns operating range to 3.0–3.6 V. Physical Dimensions Added section. Trademarks Copyright © 2001 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |
Número de pieza similar - AM29LV065MU90RE |
|
Descripción similar - AM29LV065MU90RE |