Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79534-1DC Datasheet(PDF) 9 Page - Advanced Micro Devices

No. de pieza AM79534-1DC
Descripción Electrónicos  Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79534-1DC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79534-1DC Datasheet HTML 5Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 6Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 7Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 8Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 9Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 10Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 11Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 12Page - Advanced Micro Devices AM79534-1DC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SLIC Products
9
ELECTRICAL CHARACTERISTICS (continued)
RELAY DRIVER SCHEMATICS
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Logic Inputs (C4–C1, E0, E1, and CHCLK)
Input High voltage
2.0
V
Input Low voltage
0.8
Input High current
All inputs except E1
Input E1
–75
–75
40
45
µA
Input Low current
–0.4
mA
Logic Output (DET)
Output Low voltage
IOUT =0.8 mA
0.4
V
Output High voltage
IOUT = –0.1 mA
2.4
Relay Driver Outputs (RINGOUT, TESTOUT)
On voltage
50 mA source
BGND – 2
BGND –
0.95
V
Off leakage
0.5
100
µA
Clamp voltage
50 mA sink
QBAT – 2V
TESTOUT
QBAT
BGND
Am79534/Am79535
Am79534
16854C-03
RINGOUT
QBAT
BGND


Número de pieza similar - AM79534-1DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM79514 AMD-AM79514 Datasheet
786Kb / 18P
   Subscriber Line Interface Circuit
AM79514-1JC AMD-AM79514-1JC Datasheet
786Kb / 18P
   Subscriber Line Interface Circuit
AM79514-2JC AMD-AM79514-2JC Datasheet
786Kb / 18P
   Subscriber Line Interface Circuit
AM79574 AMD-AM79574 Datasheet
234Kb / 17P
   Subscriber Line Interface Circuit
AM79574-1JC AMD-AM79574-1JC Datasheet
234Kb / 17P
   Subscriber Line Interface Circuit
More results

Descripción similar - AM79534-1DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com