|
| MMBD6100LT1 |
|
||
|
ONSEMI |
|
5 page
MMBD6100LT1 http://onsemi.com 5 PACKAGE DIMENSIONS SOT–23S PLASTIC PACKAGE CASE 318–08 ISSUE AF STYLE 9: PIN 1. ANODE 2. ANODE 3. CATHODE D J K L A C B S H G V 3 1 2 DIM A MIN MAX MIN MAX MILLIMETERS 0.1102 0.1197 2.80 3.04 INCHES B 0.0472 0.0551 1.20 1.40 C 0.0350 0.0440 0.89 1.11 D 0.0150 0.0200 0.37 0.50 G 0.0701 0.0807 1.78 2.04 H 0.0005 0.0040 0.013 0.100 J 0.0034 0.0070 0.085 0.177 K 0.0140 0.0285 0.35 0.69 L 0.0350 0.0401 0.89 1.02 S 0.0830 0.1039 2.10 2.64 V 0.0177 0.0236 0.45 0.60 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIUMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LBAV70LT1 | Monolithic Dual Switching Diode Common Cathode | 1 2 3 | Leshan Radio Company |
| BAV74LT1 | Monolithic Dual Switching Diode | 1 2 | Leshan Radio Company |
| LBAV74LT1 | Monolithic Dual Switching Diode | 1 2 | Leshan Radio Company |
| BAV99LT1 | Monolithic Dual Switching Diode | 1 2 3 4 5 | ON Semiconductor |
| LBAW56LT1 | Monolithic Dual Switching Diode Common Anode | 1 2 3 | Leshan Radio Company |
| BAW156LT1 | Monolithic Dual Switching Diode | 1 2 | Leshan Radio Company |
| BAW56LT1 | Monolithic Dual Switching Diode Common Anode | 1 2 | Leshan Radio Company |
| BAV74LT1 | Monolithic Dual Switching Diode | 1 2 3 4 | Motorola, Inc |
| BAV70 | MONOLITHIC DUAL SWITCHING DIODE COMMON CATHODE | 1 2 | Zowie Technology Corporation |
| MMBD6100 | Monolithic Dual Switching Diode | 1 2 | Micro Commercial Components |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |