Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD10226AB Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD10226AB
Descripción Electrónicos  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD10226AB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD10226AB Datasheet HTML 5Page - Analog Devices AD10226AB Datasheet HTML 6Page - Analog Devices AD10226AB Datasheet HTML 7Page - Analog Devices AD10226AB Datasheet HTML 8Page - Analog Devices AD10226AB Datasheet HTML 9Page - Analog Devices AD10226AB Datasheet HTML 10Page - Analog Devices AD10226AB Datasheet HTML 11Page - Analog Devices AD10226AB Datasheet HTML 12Page - Analog Devices AD10226AB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD10226
–9–
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 150MHz AND 151MHz
SFDR = 75.38dBFS
55
60
TPC 7. Two Tone @ 150/151 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 240MHz AND 241MHz
SFDR = 67dBFS
55
60
TPC 8. Two Tone @ 240/241 MHz
3.0
1.0
1.5
0.5
0.0
0.5
2.5
0
1.0
2.0
512
1024
1536
2048
2560
3072
3584
4096
ENCODE = 125MSPS
DNL MIN = 0.530
DNL MAX = 0.369
OUTPUT CODES
TPC 9. Differential Nonlinearity
3.0
3.0
0.0
0
1.0
2.0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.0
ENCODE = 125MSPS
INL MIN = 0.610
INL MAX = 0.702
OUTPUT CODES
TPC 10. Integral Nonlinearity
6
2
10
4
FREQUENCY – MHz
3
5
100
1000
1
0
TPC 11. Frequency Response
2
10
FREQUENCY – MHz
100
1000
1
0
TPC 12. Gain Flatness*
*Gain flatness measurement is performed by
applying a constant voltage at the device input.


Número de pieza similar - AD10226AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD10226PCB AD-AD10226PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
More results

Descripción similar - AD10226AB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com