Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBTH10LT1 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MMBTH10LT1
Descripción Electrónicos  VHF/UHF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH10LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBTH10LT1 Datasheet HTML 1Page - ON Semiconductor MMBTH10LT1 Datasheet HTML 2Page - ON Semiconductor MMBTH10LT1 Datasheet HTML 3Page - ON Semiconductor MMBTH10LT1 Datasheet HTML 4Page - ON Semiconductor MMBTH10LT1 Datasheet HTML 5Page - ON Semiconductor MMBTH10LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBTH10LT1, MMBTH10−4LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
25
Vdc
Collector−Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
30
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
3.0
Vdc
Collector Cutoff Current
(VCB = 25 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current
(VEB = 2.0 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 4.0 mAdc, VCE = 10 Vdc)
MMBTH10LT1
MMBTH10−4LT1
hFE
60
120
240
Collector−Emitter Saturation Voltage
(IC = 4.0 mAdc, IB = 0.4 mAdc)
VCE(sat)
0.5
Vdc
Base−Emitter On Voltage
(IC = 4.0 mAdc, VCE = 10 Vdc)
VBE
0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 4.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
MMBTH10LT1
MMBTH10−4LT1
fT
650
800
MHz
Collector−Base Capacitance
(VCB= 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
0.7
pF
Common−Base Feedback Capacitance
(VCB= 10 Vdc, IE = 0, f = 1.0 MHz)
Crb
0.65
pF
Collector Base Time Constant
(IC= 4.0 mAdc, VCB = 10 Vdc, f = 31.8 MHz)
rb
′Cc
9.0
ps


Número de pieza similar - MMBTH10LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Leshan Radio Company
MMBTH10LT1 LRC-MMBTH10LT1 Datasheet
138Kb / 4P
   VHF/UHF Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
   VHF/UHF Transistors
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
More results

Descripción similar - MMBTH10LT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1G ONSEMI-MMBTH10LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
logo
Continental Device Indi...
CMBT918 CDIL-CMBT918 Datasheet
132Kb / 3P
   VHF/UHF TRANSISTOR
logo
Motorola, Inc
MMBTH69LT1 MOTOROLA-MMBTH69LT1 Datasheet
74Kb / 4P
   UHF/VHF Transistor
logo
ON Semiconductor
MSD2714AT1 ONSEMI-MSD2714AT1_06 Datasheet
54Kb / 4P
   VHF/UHF Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
MMBTH81LT1 MOTOROLA-MMBTH81LT1 Datasheet
73Kb / 4P
   UHF/VHF Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com