Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMDF3N03HD Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MMDF3N03HD
Descripción Electrónicos  Power MOSFET 3 Amps, 30 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N03HD Datasheet(HTML) 1 Page - ON Semiconductor

  MMDF3N03HD Datasheet HTML 1Page - ON Semiconductor MMDF3N03HD Datasheet HTML 2Page - ON Semiconductor MMDF3N03HD Datasheet HTML 3Page - ON Semiconductor MMDF3N03HD Datasheet HTML 4Page - ON Semiconductor MMDF3N03HD Datasheet HTML 5Page - ON Semiconductor MMDF3N03HD Datasheet HTML 6Page - ON Semiconductor MMDF3N03HD Datasheet HTML 7Page - ON Semiconductor MMDF3N03HD Datasheet HTML 8Page - ON Semiconductor MMDF3N03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
November, 2000 – Rev. 7
1
Publication Order Number:
MMDF3N03HD/D
MMDF3N03HD
Preferred Device
Power MOSFET
3 Amps, 30 Volts
N–Channel SO–8, Dual
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
MiniMOS
t devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in portable
and battery powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor controls
in mass storage products such as disk drives and tape drives. The
avalanche energy is specified to eliminate the guesswork in designs
where inductive loads are switched and offer additional safety margin
against unexpected voltage transients.
Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
Logic Level Gate Drive – Can Be Driven by Logic ICs
Miniature SO–8 Surface Mount Package – Saves Board Space
Diode Is Characterized for Use In Bridge Circuits
Diode Exhibits High Speed, With Soft Recovery
IDSS Specified at Elevated Temperature
Avalanche Energy Specified
Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate–to–Source Voltage – Continuous
VGS
± 20
Vdc
Drain Current – Continuous @ TA = 25°C
Drain Current – Continuous @ TA = 100°C
Drain Current – Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
4.1
3.0
40
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to
150
°C
Single Pulse Drain–to–Source Avalanche
Energy – Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, Peak
IL = 9.0 Apk, L = 8.0 mH, RG = 25 Ω)
EAS
324
mJ
Thermal Resistance – Junction to Ambient
(Note 1.)
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. When mounted on 2
″ square FR–4 board (1″ square 2 oz. Cu 0.06″ thick
single sided) with one die operating, 10s max.
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
1
8
3 AMPERES
30 VOLTS
RDS(on) = 70 mW
Device
Package
Shipping
ORDERING INFORMATION
MMDF3N03HDR2
SO–8
2500 Tape & Reel
SO–8, Dual
CASE 751
STYLE 11
http://onsemi.com
N–Channel
LYWW
MARKING
DIAGRAM
D
S
G
D3N03
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


Número de pieza similar - MMDF3N03HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
More results

Descripción similar - MMDF3N03HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com