Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSX750FCC25.000000MTR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza CSX750FCC25.000000MTR
Descripción Electrónicos  CSX532T Series SMD TCXO Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

CSX750FCC25.000000MTR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSX750FCC25.000000MTR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
712 (SG051)
C
All prices are in Singapore Dollar.
sg.digikey.com — Toll-Free: 800-1011-692 — Telephone: (852) 3104 0500 — Fax: (852) 3104 0686
CSX532T Series SMD TCXO Oscillators
Specifications: • Frequency Tolerance: ±1.5ppm @ 25°C, ±2°C • Frequency/Temperature: ±2.5ppm, -30°C ~
75°C • Frequency/Voltage Coefficient: ±0.3ppm / Vdd±5% • Frequency/Load Coefficient: ±0.2ppm / (10k /10pf)
±10% • Power Consumption: 1.0mA max. / 13MHz • Output Level: 0.8Vp-p min.; 10 K /10pF • Frequency Adjustment:
±8ppm min. / Vdd/2±1.0V • Start-up Time: 3.5 ms Max. • Aging (First Year): ±1ppm
5.0
3.2
4-0.9
1
2
4
3
1.7
3.74
1.5
Pin
Connection
1
Vcont
2
Gnd
3
Output
4Vcc
CSX750A Series High Frequency Ceramic
Surface Mount Clock Oscillators
7.0
5.0
Specifications: • CSX750AC: 10TTL/30pF, OE, 5.0V operation type • CSX750AB: 15pF, OE, 3.3V operation type • Nominal
Frequency: CSX750AC/AB 70.0 ~ 140.0MHz • Operating Temperature: -20°C ~ 70°C • Supply Voltage: CSX750AC
5.0 ± 0.5V, CSX750AB 3.3 ±0.3V • Frequency Stability: B: ±50ppm(-20°C ~ 70°C) • Current Consumption: 50mA Max
(CSX750AC), 30mA Max (CSX750AB) • Duty Cycle: 40% ~ 60% (TTL level), 45% ~ 55%(C-MOS level)
1.6 Max.
5.08
2.6
4-1.4
#1
#4
#2
#3
5.08
4.20
2.0
1.8
Pin
Connection
1
OE or
Standby
2
Gnd
3
Out
4
Vdd
CSX750FC, FB, FJ Series SMD Oscillators
7.0
5.0
5.08
4.20
2.0
1.8
5.08
2.6
4-1.4
#1
#4
#2
#3
1.6 Max.
SPECIFICATIONS
CSX-750FC (*)
CSX-750FB (*)
CSX-750FJ (*)
Frequency Range:
1.000MHz ~
40.000MHz ~
1.000MHz ~
40.000MHz ~
39.999MHz
70.000MHz
39.999MHz
70.000MHz
Frequency Stability: (*)
B:±50ppm / C:±100ppm @ (-20°C ~ 70°C)
Operating Temperature:
-20°C ~ 70°C
Storage Temperature:
-55°C ~ 125°C
Supply Voltage:
Vdd: 5.0V±0.5V
Vdd: 3.3V±0.3V
Vdd: 3.3V±0.3V
Supply Current:
25mA Max.
45mA Max.
15mA Max.
25mA Max.
Duty: TTL Level (1.4V)
40% ~ 60%
CMOS Level (VDD/2)
45% ~ 55%
45% ~ 55%
45% ~ 55%
Output Voltage: VOH
4.0V Min.
2.2V Min.
2.2V Min.
VOL
0.4V Max.
0.4V Max.
0.4V Max.
Output Load: TTL
10TTL Max.
CMOS
50pF Max.
30pF Max.
30pF Max.
Rise & Fall Time: CMOS
tr, tf: 8nsec Max.
tr, tf: 6nsec Max.
tr, tf: 8nsec Max.
tr, tf: 6nsec Max.
Start Up Time:
4msec Max.
10msec Max.
4msec Max.
10msec Max.
Input (OE) Voltage:
V IH: 2.0V Min.
V IH: 2.0V Min.
V IH: 0.7VDD Min.
V IL: 0.8V Max.
V IL: 0.4V Max.
V IL: 0.3VDD Max.
Disable Current: FC FB
10mA Max.
20mA Max.
5mA Max.
Stand-by Current: FJ
10µA Max.
Shock Resistance:
±20ppm Max. (75cm height drop on hardwood board 3 times.)
Pin
Connection
1
OE or
Standby
2
Gnd
3
Out
4
Vdd
Frequency
(MHz)
Digi-Key
Part No.
Cut Tape
Price Each
Digi-Key
Part No.
T & R
Pricing
2,000
Citizen
Part No.
110
50
CSX-750FB
1.84320
300-7230-1-ND
5.78
5.40
4.63
300-7230-2-ND
2156.49/M
CSX750FBC1.843200MTR
3.68640
300-7231-1-ND
5.78
5.40
4.63
300-7231-2-ND
2156.49/M
CSX750FBC3.686400MTR
4.00000
300-7232-1-ND
5.78
5.40
4.63
300-7232-2-ND
2156.49/M
CSX750FBC4.000000MTR
7.37280
300-7233-1-ND
5.78
5.40
4.63
300-7233-2-ND
2156.49/M
CSX750FBC7.372800MTR
8.00000
300-7234-1-ND
5.78
5.40
4.63
300-7234-2-ND
2156.49/M
CSX750FBC8.000000MTR
10.00000
300-7235-1-ND
5.78
5.40
4.63
300-7235-2-ND
2156.49/M
CSX750FBC10.000000MTR
12.00000
300-7236-1-ND
5.78
5.40
4.63
300-7236-2-ND
2156.49/M
CSX750FBC12.000000MTR
12.28800
300-7237-1-ND
5.78
5.40
4.63
300-7237-2-ND
2156.49/M
CSX750FBC12.288000MTR
14.31818
300-7238-1-ND
5.78
5.40
4.63
300-7238-2-ND
2156.49/M
CSX750FBC14.318180MTR
14.74560
300-7239-1-ND
5.78
5.40
4.63
300-7239-2-ND
2156.49/M
CSX750FBC14.745600MTR
16.00000
300-7240-1-ND
5.78
5.40
4.63
300-7240-2-ND
2156.49/M
CSX750FBC16.000000MTR
16.38400
300-7241-1-ND
5.78
5.40
4.63
300-7241-2-ND
2156.49/M
CSX750FBC16.384000MTR
18.43200
300-7242-1-ND
5.78
5.40
4.63
300-7242-2-ND
2156.49/M
CSX750FBC18.432000MTR
20.00000
300-7243-1-ND
5.78
5.40
4.63
300-7243-2-ND
2156.49/M
CSX750FBC20.000000MTR
24.00000
300-7244-1-ND
5.78
5.40
4.63
300-7244-2-ND
2156.49/M
CSX750FBC24.000000MTR
Frequency
(MHz)
Digi-Key
Part No.
Cut Tape
Price Each
Digi-Key
Part No.
T & R
Pricing
2,000
Citizen
Part No.
110
50
CSX-750FB (continued)
24.57600
300-7245-1-ND
5.78
5.40
4.63
300-7245-2-ND
2156.49/M
CSX750FBC24.576000MTR
25.00000
300-7246-1-ND
5.78
5.40
4.63
300-7246-2-ND
2156.49/M
CSX750FBC25.000000MTR
27.00000
300-7247-1-ND
5.78
5.40
4.63
300-7247-2-ND
2156.49/M
CSX750FBC27.000000MTR
29.49120
300-7248-1-ND
5.78
5.40
4.63
300-7248-2-ND
2156.49/M
CSX750FBC29.491200MTR
32.00000
300-7249-1-ND
5.78
5.40
4.63
300-7249-2-ND
2156.49/M
CSX750FBC32.000000MTR
32.76800
300-7250-1-ND
5.78
5.40
4.63
300-7250-2-ND
2156.49/M
CSX750FBC32.768000MTR
33.33300
300-7251-1-ND
5.78
5.40
4.63
300-7251-2-ND
2156.49/M
CSX750FBC33.333000MTR
35.32800
300-7252-1-ND
5.78
5.40
4.63
300-7252-2-ND
2156.49/M
CSX750FBC35.328000MTR
CSX-750FC
1.84320
300-7200-1-ND
5.78
5.40
4.63
300-7200-2-ND
2156.49/M
CSX750FCC1.843200MTR
3.68640
300-7201-1-ND
5.78
5.40
4.63
300-7201-2-ND
2156.49/M
CSX750FCC3.686400MTR
4.00000
300-7202-1-ND
5.78
5.40
4.63
300-7202-2-ND
2156.49/M
CSX750FCC4.000000MTR
7.37280
300-7203-1-ND
5.78
5.40
4.63
300-7203-2-ND
2156.49/M
CSX750FCC7.372800MTR
8.00000
300-7204-1-ND
5.78
5.40
4.63
300-7204-2-ND
2156.49/M
CSX750FCC8.000000MTR
10.00000
300-7205-1-ND
5.78
5.40
4.63
300-7205-2-ND
2156.49/M
CSX750FCC10.000000MTR
12.00000
300-7206-1-ND
5.78
5.40
4.63
300-7206-2-ND
2156.49/M
CSX750FCC12.000000MTR
12.28800
300-7207-1-ND
5.78
5.40
4.63
300-7207-2-ND
2156.49/M
CSX750FCC12.288000MTR
14.31818
300-7208-1-ND
5.78
5.40
4.63
300-7208-2-ND
2156.49/M
CSX750FCC14.318180MTR
14.74560
300-7209-1-ND
5.78
5.40
4.63
300-7209-2-ND
2156.49/M
CSX750FCC14.745600MTR
16.00000
300-7210-1-ND
5.78
5.40
4.63
300-7210-2-ND
2156.49/M
CSX750FCC16.000000MTR
16.38400
300-7211-1-ND
5.78
5.40
4.63
300-7211-2-ND
2156.49/M
CSX750FCC16.384000MTR
18.43200
300-7212-1-ND
5.78
5.40
4.63
300-7212-2-ND
2156.49/M
CSX750FCC18.432000MTR
20.00000
300-7213-1-ND
5.78
5.40
4.63
300-7213-2-ND
2156.49/M
CSX750FCC20.000000MTR
24.00000
300-7214-1-ND
5.78
5.40
4.63
300-7214-2-ND
2156.49/M
CSX750FCC24.000000MTR
24.57600
300-7215-1-ND
5.78
5.40
4.63
300-7215-2-ND
2156.49/M
CSX750FCC24.576000MTR
25.00000
300-7216-1-ND
5.78
5.40
4.63
300-7216-2-ND
2156.49/M
CSX750FCC25.000000MTR
27.00000
300-7217-1-ND
5.78
5.40
4.63
300-7217-2-ND
2156.49/M
CSX750FCC27.000000MTR
29.49120
300-7218-1-ND
5.78
5.40
4.63
300-7218-2-ND
2156.49/M
CSX750FCC29.491200MTR
32.00000
300-7219-1-ND
5.78
5.40
4.63
300-7219-2-ND
2156.49/M
CSX750FCC32.000000MTR
32.76800
300-7220-1-ND
5.78
5.40
4.63
300-7220-2-ND
2156.49/M
CSX750FCC32.768000MTR
33.33300
300-7221-1-ND
5.78
5.40
4.63
300-7221-2-ND
2156.49/M
CSX750FCC33.333000MTR
35.32800
300-7222-1-ND
5.78
5.40
4.63
300-7222-2-ND
2156.49/M
CSX750FCC35.328000MTR
40.00000
300-7223-1-ND
5.78
5.40
4.63
300-7223-2-ND
2156.49/M
CSX750FCC40.000000MTR
44.00000
300-7224-1-ND
5.78
5.40
4.63
300-7224-2-ND
2156.49/M
CSX750FCC44.000000MTR
45.00000
300-7225-1-ND
5.78
5.40
4.63
300-7225-2-ND
2156.49/M
CSX750FCC45.000000MTR
49.15200
300-7226-1-ND
5.78
5.40
4.63
300-7226-2-ND
2156.49/M
CSX750FCC49.152000MTR
50.00000
300-7227-1-ND
5.78
5.40
4.63
300-7227-2-ND
2156.49/M
CSX750FCC50.000000MTR
60.00000
300-7228-1-ND
5.78
5.40
4.63
300-7228-2-ND
2156.49/M
CSX750FCC60.000000MTR
66.66600
300-7229-1-ND
5.78
5.40
4.63
300-7229-2-ND
2156.49/M
CSX750FCC66.666000MTR
CSX-750FJ
40.00000
300-7253-1-ND
5.78
5.40
4.63
300-7253-2-ND
2156.49/M
CSX750FJC40.000000MTR
44.00000
300-7254-1-ND
5.78
5.40
4.63
300-7254-2-ND
2156.49/M
CSX750FJC44.000000MTR
45.00000
300-7255-1-ND
5.78
5.40
4.63
300-7255-2-ND
2156.49/M
CSX750FJC45.000000MTR
49.15200
300-7256-1-ND
5.78
5.40
4.63
300-7256-2-ND
2156.49/M
CSX750FJC49.152000MTR
50.00000
300-7257-1-ND
5.78
5.40
4.63
300-7257-2-ND
2156.49/M
CSX750FJC50.000000MTR
60.00000
300-7258-1-ND
5.78
5.40
4.63
300-7258-2-ND
2156.49/M
CSX750FJC60.000000MTR
66.66600
300-7259-1-ND
5.78
5.40
4.63
300-7259-2-ND
2156.49/M
CSX750FJC66.666000MTR
80.00000
300-8191-1-ND
8.03
7.49
6.42
300-8191-2-ND
2995.13/M
CSX750FJB80.000000MTR
Freq.
(MHz)
Digi-Key
Part No.
Cut Tape
Price Each
Digi-Key
Part No.
T & R
Pricing
2,000
Citizen
Part No.
110
50
80.00
300-8145-1-ND
7.07
5.78
5.14
CSX750ACB80.000MTR
100.02
300-8153-1-ND
7.07
5.78
5.14
CSX750ABB100.020MTR
100.02
300-8147-1-ND
7.07
5.78
5.14
CSX750ACB100.020MTR
106.25
300-8154-1-ND
7.07
5.78
5.14
300-8154-2-ND
3594.15/M
CSX750ABB106.250MTR
106.25
300-8148-1-ND
7.07
5.78
5.14
300-8148-2-ND
3594.15/M
CSX750ACB106.250MTR
125.00
300-8155-1-ND
7.07
5.78
5.14
CSX750ABB125.000MTR
125.00
300-8149-1-ND
7.07
5.78
5.14
CSX750ACB125.000MTR
133.33
300-8150-1-ND
7.07
5.78
5.14
300-8150-2-ND
3594.15/M
CSX750ACB133.330MTR
Supply
Voltage
Freq.
(MHz)
Digi-Key
Part No.
Cut Tape
Price Each
Digi-Key
Part No.
T & R
Pricing
2,000
Citizen
Part No.
110
50
2.8
13.000 300-1100-1-ND
12.84
9.50
8.48
300-1100-2-ND
6828.89/M CSX532T13.000M2-U10
16.800 300-1101-1-ND
12.84
9.50
8.48
300-1101-2-ND
6828.89/M CSX532T16.800M2-U10
19.200 300-1102-1-ND
12.84
9.50
8.48
300-1102-2-ND
6828.89/M CSX532T19.200M2-U10
26.000 300-1103-1-ND
12.84
9.50
8.48
300-1103-2-ND
6828.89/M CSX532T26.000M2-U10
3
13.000 300-1104-1-ND
12.84
9.50
8.48
300-1104-2-ND
6828.89/M CSX532T13.000M3-U10
16.800 300-1105-1-ND
12.84
9.50
8.48
300-1105-2-ND
6828.89/M CSX532T16.800M3-U10
19.200 300-1106-1-ND
12.84
9.50
8.48
300-1106-2-ND
6828.89/M CSX532T19.200M3-U10
26.000 300-1107-1-ND
12.84
9.50
8.48
300-1107-2-ND
6828.89/M CSX532T26.000M3-U10
p712(SG051) Citizen Oscillators.indd 712
p712(SG051) Citizen Oscillators.indd 712
6/22/2005 9:07:31 AM
6/22/2005 9:07:31 AM


Número de pieza similar - CSX750FCC25.000000MTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CSX750FB ETC-CSX750FB Datasheet
334Kb / 10P
   CRYSTAL CLOCK OSCILLATOR
More results

Descripción similar - CSX750FCC25.000000MTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Connor-Winfield Corpora...
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
logo
Nel Frequency Controls,...
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Vectron International, ...
TC400 VECTRON-TC400 Datasheet
102Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXO?셲)
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com