Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCC21-12IO Datasheet(PDF) 1 Page - IXYS Corporation

No. de pieza FCC21-12IO
Descripción Electrónicos  Phase Control Thyristors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

FCC21-12IO Datasheet(HTML) 1 Page - IXYS Corporation

  FCC21-12IO Datasheet HTML 1Page - IXYS Corporation FCC21-12IO Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
V
DRM = VRRM
= 1200 V
I
T(AV)
= 21 A
I
TSM
= 300 A
Phase Control Thyristors
-Phaseleg Topology-
in ISOPLUS i4-PACTM
1
5
FCC 21-12io
Features
• Thyristor
- for line frequency
-chip technology for long term
stability
• ISOPLUS i4-PACTM package
- isolated back surface
- UL registered E 72873
- low coupling capacity between pins
and heatsink
- enlarged creepage towards heatsink
- application friendly pinout
- high reliability
- industry standard outline
Applications
• controlled rectifiers
- power supplies
- drives
• AC switches
Thyristors
Symbol
Conditions
Maximum Ratings
V
DRM, VRRM
1200
V
I
T(AV)
sine 180°; T
C = 90°C
21
A
I
T(AV)
square; d = 1/
3; TC = 90°C
20
A
I
TSM
sine 180°; t = 10 ms; V
R = 0 V; TVJ = 25°C
300
A
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 40 A
150
A/µs
f = 50 Hz, t
P = 200 µs
V
D =
2/
3 VDRM
I
G = 0.3 A
non repetitive, I
T = 30 A
500
A/µs
di
G/dt = 0.3 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
T
I
T
= 30 A; T
VJ = 25°C1.3
V
T
VJ =125°C1.3
V
V
GT
V
D = 6 V
1.4
V
I
GT
55 mA
V
GD
T
VJ = TVJM; VD =
2/
3 VDRM
0.2
V
I
GD
5mA
I
L
t
P = 10 µs; VD = 6 V
150 mA
I
G = 0.3 A; diG/dt = 0.3 A/µs
I
H
V
D = 6 V; RGK = ∞
100 mA
t
gd
V
D = ½ VDRM; VD = 6 V
2
µs
I
G = 0.3 A; diG/dt = 0.3 A/µs
I
R, ID
V
R = VRRM; VD = VDRM;TVJ = 25°C50
µA
T
VJ = 125°C0.5
mA
R
thJC
DC current
1.0 K/W
R
thJH
1.32
K/W
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1300
1200
FCC 21-12io
Preliminary Data


Número de pieza similar - FCC21-12IO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FCC-1A ETC2-FCC-1A Datasheet
69Kb / 1P
   This system allows the secure and neat fixing of between 1 and 25 ribbon cables.
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
PANDUIT CORP.
FCC-A-C8 PANDUIT-FCC-A-C8 Datasheet
110Kb / 1P
   Flat Cable Clips Pan-Clamp Heavy Duty Fixed Diameter Clamps
logo
Mitsubishi Electric Sem...
FCC16162AB MITSUBISHI-FCC16162AB Datasheet
635Kb / 22P
   5.7”VGA
Dec.26,11
logo
Amphenol Corporation
FCC17-A15AD-21OG AMPHENOL-FCC17-A15AD-21OG Datasheet
104Kb / 1P
   FCC17 SERIES MALE / FEMALE ADAPTER
More results

Descripción similar - FCC21-12IO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com