Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20BIM7XEP Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM20BIM7XEP
Descripción Electrónicos  Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20BIM7XEP Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM20BIM7XEP Datasheet HTML 1Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 2Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 3Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 4Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 5Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 6Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 7Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 8Page - National Semiconductor (TI) LM20BIM7XEP Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LM20EP micro SMD Light
Sensitivity
Exposing the LM20EP micro SMD package to bright sunlight
may cause the output reading of the LM20EP to drop by
1.5V. In a normal office environment of fluorescent lighting
the output voltage is minimally affected (less than a millivolt
drop). In either case it is recommended that the LM20EP
micro SMD be placed inside an enclosure of some type that
minimizes its light exposure. Most chassis provide more than
ample protection. The LM20EP does not sustain permanent
damage from light exposure. Removing the light source will
cause LM20EP’s output voltage to recover to the proper
value.
Applications Circuits
20099918
FIGURE 6. Centigrade Thermostat
20099919
FIGURE 7. Conserving Power Dissipation with Shutdown
20099928
Most CMOS ADCs found in ASICs have a sampled data comparator input structure that is notorious for causing grief to analog
output devices such as the LM20EP and many op amps. The cause of this grief is the requirement of instantaneous charge of the
input sampling capacitor in the ADC. This requirement is easily accommodated by the addition of a capacitor. Since not all ADCs
have identical input stages, the charge requirements will vary necessitating a different value of compensating capacitor. This ADC
is shown as an example only. If a digital output temperature is required please refer to devices such as the LM74.
FIGURE 8. Suggested Connection to a Sampling Analog to Digital Converter Input Stage
www.national.com
7


Número de pieza similar - LM20BIM7XEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20BIM7X NSC-LM20BIM7X Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20BIM7X NSC-LM20BIM7X Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20BIM7X TI1-LM20BIM7X Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20BIM7X TI1-LM20BIM7X Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
LM20BIM7X/NOPB TI1-LM20BIM7X/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

Descripción similar - LM20BIM7XEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com