Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D048C010T010M2N Datasheet(PDF) 10 Page - Vicor Corporation

No. de pieza D048C010T010M2N
Descripción Electrónicos  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C010T010M2N Datasheet(HTML) 10 Page - Vicor Corporation

Back Button D048C010T010M2N Datasheet HTML 6Page - Vicor Corporation D048C010T010M2N Datasheet HTML 7Page - Vicor Corporation D048C010T010M2N Datasheet HTML 8Page - Vicor Corporation D048C010T010M2N Datasheet HTML 9Page - Vicor Corporation D048C010T010M2N Datasheet HTML 10Page - Vicor Corporation D048C010T010M2N Datasheet HTML 11Page - Vicor Corporation D048C010T010M2N Datasheet HTML 12Page - Vicor Corporation D048C010T010M2N Datasheet HTML 13Page - Vicor Corporation D048C010T010M2N Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 10 of 14
vicorpower.com
Power Dissipation vs. Output Current
0
5
10
15
20
25
30
010
20
30
40
5060
7080
Output Current (A)
36V
48V
75V
Power dissipation vs. load
Efficiency vs. Output Current
64
66
68
70
72
74
76
78
80
82
84
86
010
20
30
40
50
60
70
80
Output Current (A)
36V
48V
75V
Efficiency vs. load
Parameter
Min
Typ
Max
Unit
Note
Setpoint voltage
1.188
1.200
1.212
V
Output current – continuous
0
80
A
– surge
0
100
A
100 ms
Input current
4.7
A
No load dissipation
7.0
W
Current limit
110
120
130
A
D048C012T012M2N Specifications
Output Ripple vs. Load
60
70
80
90
100
110
120
010
203040
50607080
Output Current (A)
Output ripple vs. load with no external bypass capacitance


Número de pieza similar - D048C010T010M2N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
D048C010T010M2N POWERBOX-D048C010T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

Descripción similar - D048C010T010M2N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com