Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FM4808C1N Datasheet(PDF) 1 Page - Vicor Corporation |
|
FM4808C1N Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 4 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FM48, Filter Module Rev. 2.3 Page 1 of 4 Set your site on VICOR at www.vicorpower.com 45 Shown actual size: 2.28 x 1.45 x 0.5 in 57,9 x 36,8 x 12,7 mm Data Sheet FM48 TM FiltMod Input Filter Module Features • EMI filtering • 8 and 12 Amp versions • CE Marked • Micro-size package • Low profile mounting option Products Highlights The FM48 input filter module enables designers to meet the conducted emission limits of EN55022 Level B and FCC Level B when used with Vicor’s 48 Volt 2nd Generation of DC-DC converters. FiltMods accept an input voltage of 36 to 76Vdc with a transient withstand capability of 100 Vdc for 100 msec. The FiltMods are packaged in an industry standard “quarter-brick” module measuring 2.28" x 1.45" x 0.5" and are available in either 8 or 12 Ampere capacity. Both versions may be on-board or in-board mounted for height critical applications. The FiltMods can be used with Vicor’s IAM48 for transient and surge protection. Compatible Products • IAM48 • 2nd Generation 48 V input DC-DC converters Note: For alternative product grades, change the “C” in the part number to “T”. Parameter Min Typ Max Remarks Input voltage 36 Vdc 48 Vdc 76 Vdc Safety approvals UL 1950, CSA 22.2-950, EN 60950 Dielectric withstand 1,500 Vrms Input /Output to base EMI/ RFI Telcordia GR-001089-Core Issue 2 When used with Vicor 2nd EN 55022 Level B Generation 48Vin DC-DC converters FCC Part 15 Level B Output current FM4808C12 8 A Delivered current to any FM4812C12 12 A combination of Vicor’s 2nd Generation 48Vin DC-DC converter Reverse polarity protection No damage to unit, external fusing required Weight 2.1 ounces (60 grams) Parameter C-Grade T-Grade Storage temp. – 40°C to +125°C – 40°C to +125°C Operating temp. (baseplate) – 20°C to +100°C – 40°C to +100°C Warranty 2 years 2 years Product Grade Specifications FM48-FiltMod Specifications (At T BP = 25°C, nominal line, 75% load, unless otherwise specified) Parameter Rating Unit Notes +In to –In 80 Vdc Continuous +In to –In 100 V 100 ms +Out to –Out 75 Vdc Continuous Mounting torque 5 (0.57) in-lbs (N-M) <5 sec, wave solder Pin soldering temperature 500 (260) °F(°C) <7 sec, hand solder Pin soldering temperature 750 (390) °F(°C) Storage temperature C–,T– Grade -40 to +125 °C Operating temperature C– Grade -20 to +100 °C Baseplate Operating temperature T– Grade -40 to +100 °C Baseplate Absolute Maximum Rating FM 48 08 C 1 1 Output Current 08= 8 Amp 12=12 Amp Pin Style 1= Short Pin 2= Long Pin S= Short ModuMate N= Long ModuMate Baseplate 1=Slotted 2=Threaded 3=Thru-hole Product Grade C=-20° to 100°C T=-40° to 100°C Input Voltage Product Part Numbers |
Número de pieza similar - FM4808C1N |
|
Descripción similar - FM4808C1N |