Nombre de pieza
         Descripción
MCA104

 MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE ( 3 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 3 page
background image
Prelim. 4/00
MCA104
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC = 30V
IC = 150mA
IB1 = 15mA
VCC = 6V
IC = 150mA
IB1 = IB2 = 15mA
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
PNP DEVICES
IC = 10mA
IC = 10mA
IE = 10mAIC = 0
VCE = 30V
VBE = 0.5V
IE = 0
VCB = 50V
TC = 125°C
VCE = 30V
VBE = 0.5V
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
VCEO(sus)* Collector – Emitter Sustaining Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICEX*
Collector Cut-off Current
ICBO*
Collector – Base Cut-off Current
IBEO
Base Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
–60
–60
–5
50
0.01
10
50
–0.4
–1.6
–1.3
–2.6
75
100
100
100
300
50
V
V
V
nA
mA
nA
V
V
fT
Transition Frequency
Cob
Output Capacitance
Cib
Input Capacitance
IC = 50mA
VCE = 20V
f = 100MHz
VCB = 10V
IE = 0
f = 1.0MHz
VBE = 2V
IC = 0
f = 1.0MHz
200
8
30
MHz
pF
pF
ton
Turn-on Time
td
Delay Time
tr
Rise Time
toff
Turn-off Time
ts
Storage Time
tf
Fall Time
26
45
6.0
10
20
40
70
100
50
80
20
30
ns
ns
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
PNP DEVICES
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N2222ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSM4HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ADCSMDUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2369ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2369ADCSMDUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
2N2907ACSMHIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2907ADCSMDUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N930CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3209DCSMDUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
2N2484CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl