Nombre de pieza
         Descripción
MCA104

 MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE ( 3 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 2 page
background image
IC = 20mA
VCE = 20V
f =100MHz
VCB = 10V
IE = 0
f = 1.0MHz
VBE = 0.5V
IC = 0
f = 1.0MHz
IC = 1mA
VCE = 10V
f = 1kHz
IC = 10mA
VCE = 10V
f = 1kHz
Prelim. 4/00
MCA104
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 10mA
IC = 10mA
IE = 10mAIC = 0
IB = 0
VCE = 60V
IE = 0
VCB = 60V
TC = 125°C
IC = 0
VEB = 3V (off)
VCE = 60V
VEB = 3V (off)
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 500mA
IC = 50mA
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 150mA
VCE = 1V
IC = 500mA
VCE = 10V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
NPN DEVICES
VCEO(sus)* Collector – Emitter Sustaining Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICEX*
Collector Cut-off Current (IC = 0)
ICBO*
Collector – Base Cut-off Current
IEBO*
Emitter Cut-off Current (IC = 0)
IBL*
Base Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
TA = –55°C
40
75
6
10
10
10
10
20
0.3
1
0.6
1.2
2
35
50
75
35
100
300
50
40
V
V
V
nA
nA
mA
nA
nA
V
V
fT
Transition Frequency
Cob
Output Capacitance
Cib
Input Capacitance
hfe
Small Signal Current Gain
300
8
30
50
300
75
375
MHz
pF
pF
10
25
225
60
ns
ns
ns
ns
VCC = 30V
VBE = 0.5V (off)
IC1 = 150mA
IB1 = 15mA
VCC = 30V
IC = 150mA
IB1 = IB2 = 15mA
fT is defined as the frequency at which hFE extrapolates to unity.
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
NPN DEVICES
SWITCHING CHARACTERISTICS (RESISTIVE LOAD) (Tcase = 25°C unless otherwise stated)
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N2222ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSM4HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ADCSMDUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2369ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2369ADCSMDUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
2N2907ACSMHIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2907ADCSMDUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N930CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3209DCSMDUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
2N2484CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl