Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZT2222AT1 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza PZT2222AT1
Descripción Electrónicos  NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2222AT1 Datasheet(HTML) 5 Page - ON Semiconductor

  PZT2222AT1 Datasheet HTML 1Page - ON Semiconductor PZT2222AT1 Datasheet HTML 2Page - ON Semiconductor PZT2222AT1 Datasheet HTML 3Page - ON Semiconductor PZT2222AT1 Datasheet HTML 4Page - ON Semiconductor PZT2222AT1 Datasheet HTML 5Page - ON Semiconductor PZT2222AT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PZT2222AT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. A
solder stencil is required to screen the optimum amount of
solder paste onto the footprint. The stencil is made of brass
or stainless steel with a typical thickness of 0.008 inches.
The stencil opening size for the SOT-223 package should be
the same as the pad size on the printed circuit board, i.e., a
1:1 registration.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones, and a
figure for belt speed. Taken together, these control settings
make up a heating “profile” for that particular circuit board.
On machines controlled by a computer, the computer
remembers these profiles from one operating session to the
next. Figure 4 shows a typical heating profile for use when
soldering a surface mount device to a printed circuit board.
This profile will vary among soldering systems but it is a good
starting point. Factors that can affect the profile include the
type of soldering system in use, density and types of
components on the board, type of solder used, and the type
of board or substrate material being used. This profile shows
temperature versus time. The line on the graph shows the
actual temperature that might be experienced on the surface
of a test board at or near a central solder joint. The two
profiles are based on a high density and a low density board.
The Vitronics SMD310 convection/infrared reflow soldering
system was used to generate this profile. The type of solder
used was 62/36/2 Tin Lead Silver with a melting point
between 177 –189
°C. When this type of furnace is used for
solder reflow work, the circuit boards and solder joints tend to
heat first. The components on the board are then heated by
conduction. The circuit board, because it has a large surface
area, absorbs the thermal energy more efficiently, then
distributes this energy to the components. Because of this
effect, the main body of a component may be up to 30
degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO
219
°C
PEAK AT
SOLDER
JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 4. Typical Solder Heating Profile


Número de pieza similar - PZT2222AT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

Descripción similar - PZT2222AT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com