Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC59LM806CFT-50 Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TC59LM806CFT-50
Descripción Electrónicos  4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM806CFT-50 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC59LM806CFT-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 11Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 12Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 13Page - Toshiba Semiconductor TC59LM806CFT-50 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TC59LM814/06CFT-50,-55,-60
2002-08-19
10/38
POWER UP SEQUENCE
(1)
As for PD , being maintained by the low state (≤ 0.2 V) is desirable before a power-supply injection.
(2)
Apply VDD before or at the same time as VDDQ.
(3)
Apply VDDQ before or at the same time as VREF.
(4)
Start clock (CLK, CLK ) and maintain stable condition for 200 µs (min).
(5)
After stable power and clock, apply DESL and take PD =H.
(6)
Issue EMRS to enable DLL and to define driver strength. (Note: 1)
(7)
Issue MRS for set CAS latency (CL), Burst Type (BT), and Burst Length (BL). (Note: 1)
(8)
Issue two or more Auto-Refresh commands (Note: 1).
(9)
Ready for normal operation after 200 clocks from Extended Mode Register programming.
Note:
(1)
Sequence 6, 7 and 8 can be issued in random order.
(2)
L = Logic Low, H = Logic High
CLK
Command
DQ
Address
VDD
VDDQ
VREF
CLK
PD
2.5V(TYP)
2.5V(TYP)
1.25V(TYP)
200 us(min)
tPDEX
lPDA
lRSC
lRSC
lREFC
lREFC
200clock cycle(min)
DESL
RDA
DESL
RDA MRS
DESL WRA REF
DESL
WRA REF
DESL
op-code
EMRS
op-code
MRS
Hi-Z
DQS
EMRS
MRS
Auto Refresh cycle
Normal Operation
MRS


Número de pieza similar - TC59LM806CFT-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Descripción similar - TC59LM806CFT-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K4C89363AF SAMSUNG-K4C89363AF Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com