Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LS147N Datasheet(PDF) 5 Page - ON Semiconductor |
|
SN74LS147N Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 8 page SN74LS147 SN74LS148 http://onsemi.com 5 AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C) SN74LS147 From To Limits Symbol From (Input) To (Output) Waveform Min Typ Max Unit Test Conditions tPLH Any Any In-phase 12 18 ns tPHL Any Any output 12 18 ns CL = 15 pF, tPLH Any Any Out-of-phase 21 33 ns L RL = 2.0 kΩ tPHL Any Any output 15 23 ns SN74LS148 From To Limits Symbol From (Input) To (Output) Waveform Min Typ Max Unit Test Conditions tPLH 1 thru 7 A0 A1 or A2 In-phase 14 18 ns tPHL 1 thru 7 A0, A1, or A2 output 15 25 ns tPLH 1 thru 7 A0 A1 or A2 Out-of-phase 20 36 ns tPHL 1 thru 7 A0, A1, or A2 output 16 29 ns tPLH 0 thru 7 EO Out-of-phase 7.0 18 ns tPHL 0 thru 7 EO output 25 40 ns C 15 F tPLH 0 thru 7 GS In-phase 35 55 ns CL = 15 pF, RL = 2.0 kΩ tPHL 0 thru 7 GS output 9.0 21 ns RL 2.0 k Ω tPLH EI A0 A1 or A2 In-phase 16 25 ns tPHL EI A0, A1, or A2 output 12 25 ns tPLH EI GS In-phase 12 17 ns tPHL EI GS output 14 36 ns tPLH In-phase 12 21 tPHL EI EO In- hase output 28 30 40 45 ns (LS148) |
Número de pieza similar - SN74LS147N |
|
Descripción similar - SN74LS147N |