|
| SN74LS221 |
|
||
|
ONSEMI |
|
6 page
SN74LS221 http://onsemi.com 6 AC WAVEFORMS B INPUT CLEAR Q OUTPUT Q OUTPUT A INPUT IS LOW. B INPUT CLEAR Q OUTPUT A INPUT IS LOW. B INPUT CLEAR Q OUTPUT A INPUT IS LOW. tW(in) ≥60 ns tPLH tPHL tPLH tPHL 1.3 V 3 V 0 V 3 V 0 V VOH VOL VOH VOL ≥60 ns 1.3 V 1.3 V 3 V 0 V 3 V 0 V VOH VOL ≥ 50 ns ≥ 0 ts 3 V 0 V 3 V 0 V VOH VOL 3 V 0 V 3 V 0 V VOH VOL TRIGGERED NOT TRIGGERED ≥50 ns ≥50 ns B INPUT CLEAR Q OUTPUT A INPUT IS LOW. tW(out) TRIGGER FROM B, THEN CLEAR — CONDITION 1 TRIGGER FROM B, THEN CLEAR — CONDITION 2 CLEAR OVERRIDING B, THEN TRIGGER FROM B TRIGGERING FROM POSITIVE TRANSITION OF CLEAR Figure 1. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SN74LS109A | LOW POWER SCHOTTKY | 1 2 3 4 | ON Semiconductor |
| SN74LS195A | LOW POWER SCHOTTKY | 1 2 3 4 5 More | ON Semiconductor |
| SN74LS38 | LOW POWER SCHOTTKY | 1 2 3 4 | ON Semiconductor |
| SHD114211 | POWER SCHOTTKY RECTIFIER Very Low Voltage Drop | 1 2 3 | Sensitron |
| SHD114411 | POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE | 1 2 3 | Sensitron |
| SHD115422 | HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop | 1 2 3 | Sensitron |
| SHD116212 | POWER SCHOTTKY RECTIFIER Very Low Voltage Drop | 1 2 3 | Sensitron |
| SHD117122 | HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop | 1 2 3 | Sensitron |
| SHD125212 | HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage | 1 2 3 | Sensitron |
| STPS15L25D | LOW DROP POWER SCHOTTKY RECTIFIER | 1 2 3 4 5 | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |