Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-D105-MN001 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HLMP-D105-MN001 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 7 page Intensity Bin Limits Intensity Range (mcd) Color Bin Min. Max. Red I 24.8 39.6 J 39.6 63.4 K 63.4 101.5 L 101.5 162.4 M 162.4 234.6 N 234.6 340.0 O 340.0 540.0 P 540.0 850.0 Q 850.0 1200.0 R 1200.0 1700.0 S 1700.0 2400.0 T 2400.0 3400.0 U 3400.0 4900.0 V 4900.0 7100.0 W 7100.0 10200.0 X 10200.0 14800.0 Y 14800.0 21400.0 Z 21400.0 30900.0 Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information. Mechanical Option Matrix Mechanical Option Code Definition 00 Bulk Packaging, minimum increment 500 pcs/bag 01 Tape & Reel, crimped leads, minimum increment 1300 pcs (T-1 3/4)/1800 pcs (T-1) 02 Tape & Reel, straight leads, minimum increment 1300 pcs (T-1 3/4)/1800 pcs (T-1) A1 Right Angle Housing, uneven leads, minimum increment 500 pcs/bag A2 Right Angle Housing, even leads, minimum increment 500 pcs/bag B1 Right Angle Housing, uneven leads, minimum increment 500 pcs/bag B2 Right Angle Housing, even leads, minimum increment 500 pcs/bag DD Ammo Pack, straight leads in 2K increment UQ Ammo Pack, horizontal leads in 2K increment Maximum tolerance for each bin limit is ± 18%. 6 |
Número de pieza similar - HLMP-D105-MN001 |
|
Descripción similar - HLMP-D105-MN001 |