Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5540 Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI5540
Descripción Electrónicos  SiPHY OC-192/STM-64 TRANSMITTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5540 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI5540 Datasheet HTML 2Page - Silicon Laboratories SI5540 Datasheet HTML 3Page - Silicon Laboratories SI5540 Datasheet HTML 4Page - Silicon Laboratories SI5540 Datasheet HTML 5Page - Silicon Laboratories SI5540 Datasheet HTML 6Page - Silicon Laboratories SI5540 Datasheet HTML 7Page - Silicon Laboratories SI5540 Datasheet HTML 8Page - Silicon Laboratories SI5540 Datasheet HTML 9Page - Silicon Laboratories SI5540 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si 5540
6
Preliminary Rev. 0.31
Input Voltage High
(TXCLKDSBL, FIFORST, TXSQLCH,
BWSEL, REFRATE, REFSEL, TXMSBSEL,
RESET)
VIH2
2.0
V
Input Low Current
(TXCLKDSBL, FIFORST, TXSQLCH,
BWSEL, REFRATE, REFSEL, TXMSBSEL,
RESET)
IIL
——10
µA
Input High Current
(TXCLKDSBL, FIFORST, TXSQLCH,
BWSEL, REFRATE, REFSEL, TXMSBSEL,
RESET)
IIH
——10
µA
Input Impedance
(TXCLKDSBL, FIFORST, TXSQLCH,
BWSEL, REFRATE, REFSEL, TXMSBSEL,
RESET)
RIN
10
k
LVTTL Output Voltage Low
(FIFOERR, TXLOL)
VOL2
VDD33 = 1.8 V
0.4
V
VDD33 = 3.3 V
0.4
LVTTL Output Voltage High
(FIFOERR, TXLOL)
VOH2
VDD33 = 1.8 V
1.4
V
VDD33 = 3.3 V
2.4
Table 2. DC Characteristics, VDD = 1.8 V (Continued)
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit


Número de pieza similar - SI5540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI554 SILABS-SI554 Datasheet
132Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL
logo
Skyworks Solutions Inc.
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results

Descripción similar - SI5540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com