Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LS251N Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza SN74LS251N
Descripción Electrónicos  LOW POWER SCHOTTKY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS251N Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS251N Datasheet HTML 1Page - ON Semiconductor SN74LS251N Datasheet HTML 2Page - ON Semiconductor SN74LS251N Datasheet HTML 3Page - ON Semiconductor SN74LS251N Datasheet HTML 4Page - ON Semiconductor SN74LS251N Datasheet HTML 5Page - ON Semiconductor SN74LS251N Datasheet HTML 6Page - ON Semiconductor SN74LS251N Datasheet HTML 7Page - ON Semiconductor SN74LS251N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS251/D
SN74LS251
8-Input Multiplexer
with 3-State Outputs
The TTL/MSI SN74LS251 is a high speed 8-Input Digital
Multiplexer. It provides, in one package, the ability to select one bit of
data from up to eight sources. The LS251 can be used as a universal
function generator to generate any logic function of four variables.
Both assertion and negation outputs are provided.
Schottky Process for High Speed
Multifunction Capability
On-Chip Select Logic Decoding
Inverting and Non-Inverting 3-State Outputs
Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 2.6
mA
IOL
Output Current – Low
24
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS251N
16 Pin DIP
2000 Units/Box
SN74LS251D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Número de pieza similar - SN74LS251N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SN74LS251N MOTOROLA-SN74LS251N Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LS251N TI-SN74LS251N Datasheet
312Kb / 9P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LS251N TI-SN74LS251N Datasheet
1Mb / 22P
[Old version datasheet]   DATA SELESTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LS251N TI1-SN74LS251N Datasheet
1Mb / 22P
[Old version datasheet]   DATA SELECTOR/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LS251N3 TI-SN74LS251N3 Datasheet
1Mb / 22P
[Old version datasheet]   DATA SELESTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74LS251N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS74A ONSEMI-SN74LS74A Datasheet
102Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS76A ONSEMI-SN74LS76A Datasheet
93Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com