Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EH55-NH000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-EH55-NH000
Descripción Electrónicos  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EH55-NH000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-EH55-NH000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EH55-NH000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EH55-NH000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EH55-NH000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EH55-NH000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EH55-NH000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
Color Bin Selections
0: No color bin limitation
4: Amber color bin 4 only
K: Amber color bins 2 and 4 only
Maximum Intensity Bin
Minimum Intensity Bin
Viewing Angle & Lead Stand Offs
55: 55 deg without lead stand offs; AlInGaP
57: 55 deg without lead stand offs; AlInGaP II
Color
D: 630 nm Red
G: 626 nm Red
H: 615/617 nm Red-Orange
L: 590/592 Amber
Package
E: 5 mm Round
Device Selection Guide (AlInGaP)
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Intensity Iv (mcd) [1,2]
2
θ1/2
Wavelength
on Leads
@20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
Min.
Max.
55
°
Amber 590
HLMP-EL55-GK000
140
400
Red-Orange 615
HLMP-EH55-GK000
140
400
Red 626
HLMP-EG55-GK000
140
400
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
Device Selection Guide (AlInGaP II)
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Intensity Iv (mcd) [1,2]
2
θ1/2
Wavelength
on Leads
@20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
Min.
Max.
55
°
Amber 592
HLMP-EL57-LP000
400
1150
Red-Orange 617
HLMP-EH57-LP000
400
1150
Red 630
HLMP-ED57-LP000
400
1150


Número de pieza similar - HLMP-EH55-NH000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EH57 AVAGO-HLMP-EH57 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Descripción similar - HLMP-EH55-NH000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com