Nombre de pieza
         Descripción
IN74HCT244A

 Octal 3-State Noninverting Buffer/Line Driver/Line Receiver ( 6 Page)


INTEGRAL
100% 
Zoom Out Zoom In
   
 6 page
background image
IN74HCT244A
6
INTEGRAL
CHIP PAD DIAGRAM IZ74HCT244A
Pad size 0.106 x 0.106 mm (Pad size is given as per passivation layer)
Thickness of chip 0,46
±0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
ENABLE A
0.152
0.636
02
A1
0.152
0.396
03
YB4
0.300
0.142
04
A2
0.470
0.152
05
YB3
0.868
0.132
06
A3
1.068
0.152
07
YB2
1.330
0.132
08
A4
1.709
0.142
09
YB1
1.729
0.578
10
GND
1.729
0.812
11
B1
1.699
1.149
12
YA4
1.729
1.438
13
B2
1.719
1.804
14
YA3
1.301
1.824
15
B3
1.062
1.804
16
YA2
0.758
1.824
17
B4
0.468
1.804
18
YA1
0.142
1.662
19
ENABLE B
0.152
1.489
20
Vcc
0.152
1.005
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SL74HC244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 System Logic Semiconductor
IN74ACT245OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
MC54-74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreMotorola, Inc
MC74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreON Semiconductor
IN74AC244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74AC241Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 Integral Corp.
IN74HCT241AOCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
IN74HC241AOCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
IN74LS244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreIntegral Corp.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl