Nombre de pieza
         Descripción
IN74HCT244A

 Octal 3-State Noninverting Buffer/Line Driver/Line Receiver ( 6 Page)


INTEGRAL
100% 
Zoom Out Zoom In
   
 2 page
background image
IN74HCT244A
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±35
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
PD
Power Dissipation in Still Air, Plastic DIP
**
SOIC Package
**
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
**Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
0
500
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SL74HC244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 System Logic Semiconductor
IN74ACT245OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
MC54-74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreMotorola, Inc
MC74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreON Semiconductor
IN74AC244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74AC241Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 Integral Corp.
IN74HCT241AOCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
IN74HC241AOCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
IN74LS244Octal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreIntegral Corp.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl