Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LV165DB Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74LV165DB Datasheet(HTML) 5 Page - Texas Instruments |
5 / 8 page SN54LV165, SN74LV165 PARALLEL-LOAD 8-BIT SHIFT REGISTERS SCES007B – MARCH 1995 – REVISED APRIL 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) SN74LV165 VCC = 5.5 V ± 0.5 V VCC = 3.3 V ± 0.3 V VCC = 2.7 V UNIT MIN MAX MIN MAX MIN MAX fclock Clock frequency 0 50 0 40 0 30 MHz t Pulse duration CLK high or low 14 18 22 ns tw Pulse duration SH/LD low 14 18 22 ns SH/LD high before CLK ↑ 10 13 17 t Setup time SER before CLK ↑ 8 11 14 ns tsu Setup time CLK INH before CLK ↑ 10 12 15 ns Data before SH/LD ↑ 8 12 17 th Hold time SER data after CLK ↑ 6 6 5 ns th Hold time Parallel data after SH/LD ↑ 6 6 5 ns switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) FROM TO SN54LV165 PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5.5 V ± 0.5 V VCC = 3.3 V ± 0.3 V VCC = 2.7 V UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN TYP MAX MIN MAX fmax 50 90 40 75 30 MHz CLK 20 24 20 38 47 tpd SH/LD QH or QH 19 24 19 36 44 ns H 15 20 15 29 36 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) FROM TO SN74LV165 PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5.5 V ± 0.5 V VCC = 3.3 V ± 0.3 V VCC = 2.7 V UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN TYP MAX MIN MAX fmax 50 90 40 75 30 MHz CLK 20 24 20 38 47 tpd SH/LD QH or QH 19 24 19 36 44 ns H 15 20 15 29 36 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT Cpd Power dissipation capacitance CL =50 pF f=10MHz 3.3 V 33 pF Cpd Power dissi ation ca acitance CL = 50 F, f = 10 MHz 5 V 57 F PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Número de pieza similar - SN74LV165DB |
|
Descripción similar - SN74LV165DB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |