Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX164245FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC74VCX164245FT
Descripción Electrónicos  16-Bit Dual Supply Bus Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX164245FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VCX164245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC74VCX164245FT
2001-08-30
8
DC Characteristics (VCCB
==== 3.3 ±±±± 0.3 V, VCCA ==== 1.8 ±±±± 0.15 V)
Ta
= -40 to
85°C
Characteristics
Symbol
Test Condition
VCCB (V) VCCA (V)
Min
Max
Unit
VIHB
DIR, OE , Bn
3.3
± 0.3 1.8 ± 0.15
2.0
¾
H-level input voltage
VIHA
An
3.3
± 0.3 1.8 ± 0.15
0.65
´
VCC
¾
V
VILB
DIR, OE , Bn
3.3
± 0.3 1.8 ± 0.15
¾
0.8
L-level input voltage
VILA
An
3.3
± 0.3 1.8 ± 0.15
¾
0.35
´
VCC
V
3.3
± 0.3 1.8 ± 0.15
VCCB
- 0.2
¾
VOHB
IOHB = -100 mA
IOHB = -24 mA
3.0
1.8
± 0.15
2.2
¾
3.3
± 0.3 1.8 ± 0.15
VCCA
- 0.2
¾
H-level output voltage
VOHA
VIN = VIH or VIL
IOHA = -100 mA
IOHA = -6 mA
3.3
± 0.3
1.65
1.25
¾
V
3.3
± 0.3 1.8 ± 0.15
¾
0.2
VOLB
IOLB = 100 mA
IOLB = 24 mA
3.0
1.8
± 0.15
¾
0.55
3.3
± 0.3 1.8 ± 0.15
¾
0.2
L-level output voltage
VOLA
VIN = VIH or VIL
IOLA = 100 mA
IOLA = 6 mA
3.3
± 0.3
1.65
¾
0.3
V
IOZB
VIN = VIH or VIL
VOUT = 0 to 3.6 V
3.3
± 0.3 1.8 ± 0.15
¾
±10
3-state output OFF state current
IOZA
VIN = VIH or VIL
VOUT = 0 to 3.6 V
3.3
± 0.3 1.8 ± 0.15
¾
±10
mA
Input leakage current
IIN
VIN (DIR, OE ) = 0 to 3.6 V
3.3
± 0.3 1.8 ± 0.15
¾
±5.0
mA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
0
¾
10
mA
ICCB
VINA = VCCA or GND
VINB = VCCB or GND
3.3
± 0.3 1.8 ± 0.15
¾
20
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
3.3
± 0.3 1.8 ± 0.15
¾
20
mA
ICCB
VCCB < (VIN, VOUT) <
= 3.6 V
3.3
± 0.3 1.8 ± 0.15
¾
±20
ICCA
VCCA <
= (VIN, VOUT) <= 3.6 V
3.3
± 0.3 1.8 ± 0.15
¾
±20
mA
ICCTB
VINB = VCCB - 0.6 V per input
3.3
± 0.3 1.8 ± 0.15
¾
750
mA
Quiescent supply current
ICCTA
VINA = VCCA - 0.6 V per input
3.3
± 0.3 1.8 ± 0.15
¾
750
mA


Número de pieza similar - TC74VCX164245FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
More results

Descripción similar - TC74VCX164245FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com