Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX164245FT Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TC74VCX164245FT
Descripción Electrónicos  16-Bit Dual Supply Bus Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX164245FT Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74VCX164245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 13Page - Toshiba Semiconductor TC74VCX164245FT Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TC74VCX164245FT
2001-08-30
10
AC Characteristics (Ta
==== ----40~85°C, Input: tr ==== tf ==== 2.0 ns, CL ==== 30 pF, RL ==== 500 W
W
W
W)
VCCB
==== 3.3 ±±±± 0.3 V, VCCA ==== 2.5 ±±±± 0.2 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(Bn
® An)
tpLH
tpHL
Figure 1, Figure 2
0.8
4.6
3-state output enable time
( OE
® An)
tpZL
tpZH
Figure 1, Figure 3
0.8
4.6
3-state output disable time
( OE
® An)
tpLZ
tpHZ
Figure 1, Figure 3
0.8
4.4
ns
Propagation delay time
(An
® Bn)
tpLH
tpHL
Figure 1, Figure 2
0.6
4.4
3-state output enable time
( OE
® Bn)
tpZL
tpZH
Figure 1, Figure 3
0.6
4.8
3-state output disable time
( OE
® Bn)
tpLZ
tpHZ
Figure 1, Figure 3
0.8
4.8
ns
Output to output skew
tosLH
tosHL
(Note 12)
¾
0.5
ns
Note 12: Parameter guaranteed by design.
(tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCB
==== 3.3 ±±±± 0.3 V, VCCA ==== 1.8 ±±±± 0.15 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(Bn
® An)
tpLH
tpHL
Figure 1, Figure 2
1.5
7.1
3-state output enable time
( OE
® An)
tpZL
tpZH
Figure 1, Figure 3
1.5
8.2
3-state output disable time
( OE
® An)
tpLZ
tpHZ
Figure 1, Figure 3
0.8
4.5
ns
Propagation delay time
(An
® Bn)
tpLH
tpHL
Figure 1, Figure 2
0.6
5.5
3-state output enable time
( OE
® Bn)
tpZL
tpZH
Figure 1, Figure 3
0.6
5.3
3-state output disable time
( OE
® Bn)
tpLZ
tpHZ
Figure 1, Figure 3
0.8
5.6
ns
Output to output skew
tosLH
tosHL
(Note 12)
¾
0.5
ns
Note 12: Parameter guaranteed by design.
(tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)


Número de pieza similar - TC74VCX164245FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
More results

Descripción similar - TC74VCX164245FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com