Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IZ74LV00 Datasheet(PDF) 3 Page - Integral Corp. |
|
IZ74LV00 Datasheet(HTML) 3 Page - Integral Corp. |
3 / 5 page IN74LV00 3 INTEGRAL DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) VCC, Guaranteed Limit V 25 °C -40 °C ÷ 85°C -40 °C ÷ 125 °C Symbol Parameter Test Conditions min max min max min max Unit VIH High-Level Input Voltage 1.2 2.0 3.0 3.6 0.9 1.4 2.1 2.5 - - - - 0.9 1.4 2.1 2.5 - - - - 0.9 1.4 2.1 2.5 - - - - V VIL Low -Level Input Voltage 1.2 2.0 3.0 3.6 - - - - 0.3 0.6 0.9 1.1 - - - - 0.3 0.6 0.9 1.1 - - - - 0.3 0.6 0.9 1.1 V VI = VIL or VIH IO = -50 µÀ 1.2 2.0 3.0 3.6 1.1 1.92 2.92 3.52 - - - - 1.0 1.9 2.9 3.5 - - - - 1.0 1.9 2.9 3.5 - - - - V VOH High-Level Output Voltage VI = VIL or VIH IO = -6.0 mÀ 3.0 2.48 - 2.34 - 2.20 - V VI = VIL or VIH IO = 50 µÀ 1.2 2.0 3.0 3.6 - - - - 0.09 0.09 0.09 0.09 - - - - 0.1 0.1 0.1 0.1 - - - - 0.1 0.1 0.1 0.1 V VOL Low-Level Output Voltage VI = VIL or VIH IO = 6.0 mÀ 3.0 - 0.33 - 0.4 - 0.5 V IIL Low-Level Input Leakage Current VI = 0 V 3.6 - -0.1 - -1.0 - -1.0 µA IIÍ High-Level Input Leakage Current VI = VCC 3.6 - 0.1 - 1.0 - 1.0 µA IÑÑ Quiescent Supply Current (per Package) VI = 0  or VCC IO = 0 µÀ 3.6 - 2.0 - 20 - 40 µA |
Número de pieza similar - IZ74LV00 |
|
Descripción similar - IZ74LV00 |