Nombre de pieza
         Descripción
UTC78LXX

 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS ( 6 Page)


ETC1
100% 
Zoom Out Zoom In
   
 6 page
background image
UTC78LXX
LINEAR INTEGRATED CIRCUIT
YOUW ANG ELECTRONICS CO.LTD
6
UTC78L24 ELECTRICAL CHARACTERISTICS
(VI=33V,Io=40mA,0<Tj<125
°C,C1=0.33µF,Co=0.1µF,unless otherwise specified)(Note 1)
Characteristic
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
°C
23
24
25
V
Output Voltage
VO
27V
≤VI≤38V,IO=1mA~40mA
22.8
25.2
V
27V
≤VI≤VMAX,
IO=1mA~70mA
22.8
25.2
V
(note 2)
Load Regulation
∆Vo
Tj=25
°C IO=1mA~100mA
40
200
mV
Tj=25
°C IO=1mA~0mA
20
100
mV
Line regulation
∆Vo
27V
≤VI≤38V,Tj=25°C
160
300
mV
28V
≤VI≤38V,Tj=25°C
150
250
mV
Quiescent Current
Iq
2.2
6.0
mA
Quiescent Current Change
∆Iq
27V
≤VI≤38V
1.5
mA
∆Iq
1mA
≤VI≤40mA
0.1
mA
Output Noise Voltage
VN
10Hz
≤f≤100kHz
200
µV
Temperature coefficient of Vo
∆Vo/∆T Io=5mA
-2.0
mV/
°C
Ripple Rejection
RR
27V
≤VI≤38V,f=120Hz,Tj=25°C
34
45
dB
Dropout Voltage
Vd
Tj=25
°C
1.7
V
Note 1: The Maximum steady state usable output current and input voltage are very dependent on the heating
sinking and/or lead temperature length of the package.The date above respresent pulse test conditions with
junction temperatures as indicated at the initiation of test.
Note 2:Power dissipation<0.75W
TYPICAL APPLICATION
UTC78LXX
1
2
3
C0
0.1
µF
C1
0.33
µF
Vi
Vo
Note 1: To specify an output voltage,substitue voltage value for "XX".
Note 2: Bypass capacitors are recommended for optimum stability and transient response and should be located
as close as possible to the regulators.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
KA78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
KA78LXXA3-terminal 0.1A positive voltage regulator 1 2 3 4 5 MoreFairchild Semiconductor
LR78L00LR78L00 Series3-Terminal 0.1A Positive Voltage Regulators 1 2 3 4 5 MoreLeshan Radio Company
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl